Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 58Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 59Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 60Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 61Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 161 page
background image
Analog Integrated Circuit Device Data
62
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
TIMING DIAGRAMS
A Turn On event timing diagram example shows in Figure 12.
Figure 12. Power Up Timing Diagram
POWER UP
At power up, switchers and regulators are sequentially enabled in time slots of 2.0 ms steps to limit the inrush current after an
initial delay of 8.0 ms, in which the core circuitry gets enabled. To ensure a proper power up sequence, the outputs of the
switchers are discharged at the beginning of a Cold Start. For that reason, an 8.0 ms delay allows the outputs of the linear
regulators to be fully discharged as well through the built-in discharge path. Time slots which include multiple regulator startups
will be sub-sequenced for additional inrush balancing. The peak inrush current per event is limited. Any under-voltage detection
at BP is masked while the power up sequencer is running.
The Power Up mode Select pins (PUMS1 and 2) are used to configure the startup characteristics of the regulators. Supply
enabling and output level options are selected by hardwiring the PUMSx pins for the desired configuration. The state of the
PUMSx pins can be read out via the sense bits PUMSSxx[1:0]. Tying the PUMSx pins to ground corresponds to 00, open to 01,
VCOREDIG to 10, and VCORE to 11.
The recommended power up strategy for end products is to bring up as little of the system as possible at booting, essentially
sequestering just the bare essentials, to allow processor startup and software to run. With such a strategy, the startup transients
are controlled at lower levels, and the rest of the system power tree can be brought up by software. This allows optimization of
supply ordering where specific sequences may be required, as well as supply default values. Software code can load up all of
the required programmable options to avoid sneak paths, under/over-voltage issues, startup surges, etc., without any change in
hardware. For this reason, the Power Gate drivers are limited to activation by software rather than the sequencer, allowing the
core(s) to startup before any peripheral loading is introduced.
The power up defaults Table 26 shows the initial setup for the voltage level of the switchers and regulators, and whether they
get enabled.
Table 25. Timer Main Characteristics
Timer
Duration
Under-voltage Timer
4.0 ms
Reset Timer
40 ms
Watchdog Timer
128 ms
Power Cut Timer
Programmable 0 to 8 seconds in 31.25 ms steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com