Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 96Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 97Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 98Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 99Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 100Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 161 page
background image
Analog Integrated Circuit Device Data
100
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
When considerably exceeding the maximum input of the ADC at the scaled or unscaled inputs, the reading result will return a
full scale. It has to be noted that this full scale does not necessarily yield a 1023 DEC reading, due to the offsets and calibration
applied. The same applies for when going below the minimum input where the corresponding 0000 DEC reading may not be
returned.
CONTROL
The ADC parameters are programmed by the processors via the SPI. Up to 2 ADC requests can be queued, and locally these
requests are arbitrated and executed. When a conversion is finished, an interrupt ADCDONEI is generated. The interrupt can be
masked with the ADCDONEM bit.
The ADC can start a series of conversions by a rising edge on the ADTRIG pin or through the SPI programming by setting the
ASC bit. The ASC bit will self clear once the conversions are completed. A rising edge on the ADTRIG pin will automatically make
the ASC bit high during the conversions.
When started, always 8 conversions will take place; either 1 for each channel (multiple channel mode, RAND = 0) or 8 times
the same channel (single channel mode, bit RAND = 1). In single channel mode, the to be converted channel needs to be
selected with the ADA1[2:0] setting. This setting is not taken into account in multiple channel mode.
In order to perform an auto calibration cycle, a series of ADC conversions is started with ADCCAL = 1. The ADCCAL bit is
cleared automatically at the end of the conversions and an ADCDONEI interrupt is generated. The calibration only needs to be
performed before a first utilization of the ADC after a cold start.
The conversion will begin after a small synchronization error of a few microseconds plus a programmable delay from 1 (default)
to 256 times the 32 kHz equivalent time base by programming the bits ATO[7:0]. This delay cannot be programmed to 0 times
the 32 kHz in order to allow the ADC core to be initialized during the first 32 kHz clock cycle. The ATO delay can also be included
between each of the conversions by setting the ATOX bit.
Once a series of eight A/D conversions is complete, they are stored in a set of 8 internal registers and the values can be read
out by software (except when having done an auto calibration cycle). In order to accomplish this, the software must set the
ADA1[2:0] and ADA2[2:0] address bits to indicate which values will be read out. This is set up by two sets of addressing bits to
allow any two readings to be read out from the 8 internal registers. For example, if it is desired to read the conversion values
stored in addresses 2 and 6, the software will need to set ADA1[2:0] to 010 and ADA2[2:0] to 110. A SPI read of the A/D result
register will return the values of the conversions indexed by ADA1[2:0] and ADA2[2:0]. ADD1[9:0] will contain the value indexed
by ADA1[2:0], and ADD2[9:0] will contain the conversion value indexed by ADA2[2:0].
An additional feature allows for automatic incrementing of the ADA1[2:0] and ADA2[2:0] addressing bits. This is enabled with
bits ADINC1 and ADINC2. When these bits are set, the ADA1[2:0] and ADA2[2:0] addressing bits will automatically increment
during subsequent readings of the A/D result register. This allows for rapid reading of the A/D results registers with a minimum
of SPI transactions.
The ADC core can be reset by setting the self clearing ADRESET bit. As a result the internal data and settings will be reset
but the SPI programming or readout results will not. To restart a new ADC conversion after a reset, all ADC SPI control settings
should therefore be reprogrammed.
Table 82. ADC Input Specification
Parameter
Condition
Min
Typ
Max
Units
Source Impedance
No bypass capacitor at input
-
-
5.0
kOhm
Bypass capacitor at input 10 nF
-
-
30
kOhm
Input Buffer Offset
BUFFEN = 1
-5
-
5.0
mV
Input Buffer Input Range
BUFFEN = 1
0.02
-
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com