Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 97Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 98Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 99Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 100Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
101
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
DEDICATED READINGS
CHANNEL 0 BATTERY VOLTAGE
The battery voltage is read at the BATT pin at channel 0. The battery voltage is first scaled as V(BATT)/2 in order to fit the
input range of the ADC.
CHANNEL 1 BATTERY CURRENT
The current flowing out of and into the battery can be read via the ADC, by monitoring the voltage drop over the sense resistor
between BATT and BATTISNSCC. This function is enabled by setting BATTICON = 1.
The battery current can be read either in multiple channel mode or in single channel mode. In both cases, the battery terminal
voltage at BATT, and the voltage difference between BATT and BATTISNS, are sampled simultaneously but converted one after
the other. This is done to effectively perform the voltage and current reading at the same time. In multiple channel mode, the
converted values are read at the assigned channel. In single channel mode and ADA1[2:0] = 001, the converted result is
available in 4 pairs of battery voltage and current reading as shown in Table 84.
If the BATTICON bit is not set, the ADC will return a 0 reading for channel 1.
The voltage difference between BATT and BATTISNS is first amplified to fit the ADC input range as V(BATT-BATTISNS)*20.
Since battery current can flow in both directions, the conversion is read out in 2's complement format. Positive readings
correspond to the current flow out of the battery, and negative readings to the current flowing into the battery.
Table 83. Battery Voltage Reading Coding
Conversion Code ADDn[9:0]
Voltage at
input ADC in V
Voltage at
BATT in V
1 111 111 111
2.400
4.800
1 000 010 100
1.250
2.500
0 000 000 000
0.000
0.000
Table 84. Battery Current Reading Sequence
ADC Trigger
Signals Sampled
Signal Converted
Readout
Contents
0
BATT, BATT – BATTISNSCC
BATT
Channel 0
BATT
1
-
BATT – BATTISNSCC
Channel 1
BATT – BATTISNSCC
2
BATT, BATT – BATTISNSCC
BATT
Channel 2
BATT
3
-
BATT – BATTISNSCC
Channel 3
BATT – BATTISNSCC
4
BATT, BATT – BATTISNSCC
BATT
Channel 4
BATT
5
-
BATT – BATTISNSCC
Channel 5
BATT – BATTISNSCC
6
BATT, BATT – BATTISNSCC
BATT
Channel 6
BATT
7
-
BATT – BATTISNSCC
Channel 7
BATT – BATTISNSCC
Table 85. Battery Current Reading Coding
Conversion Code,
ADDn[9:0]
Voltage at Input, ADC in
mV
BATT – BATTISNS in mV
Current through
20 mOhm in mA
Current Flow
0 111 111 111
1200.00
60
3000
From battery
0 000 000 001
2.346
0.117
5.865
From battery
0 000 000 000
0
0
0
-
1 111 111 111
-2.346
-0.117
5.865
To battery
1 000 000 000
-1200.00
-60
3000
To battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com