Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 105Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 106Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 107Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 108Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
105
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
Figure 28. ADC Register Set for ADC BIS Access
There are two interrupts available to inform the processor when the ADC has finished its conversions, one for the standard
ADC conversion ADCDONEI, and one for the ADCBIS conversion ADCBISDONEI. These interrupts will go high after the
conversion, and can be masked.
When two requests are queued, the request for which the trigger event occurs the first will be converted the first. During the
conversion of the first request, an ADTRIG trigger event of the other request is ignored, if for the other request the TRIGMASK
bit was set to 1. When this bit is set to 0, the other request ADTRIG trigger event is memorized, and the conversion will take place
directly after the conversions of the first request are finished.
The following diagram shows the influence of the TRIGMASK bit. The TRIGMASK bit is particularly of use when an ADC
conversion has to be lined up to a periodically ADTRIG initiated conversion. In case of ASC initiated conversions, the TRIGMASK
bit is of no influence.
Figure 29. TRIGMASK Functional Diagram
To avoid results of previous conversions getting overwritten by a periodical ADTRIG signal, a single shot function is enabled
by setting the ADONESHOT bit to a one. In that case, only at the first following conversion, an ADTRIG trigger event is accepted.
ASC events are not affected by this setting. Before performing a new single shot conversion, the ADONESHOT bit first needs to
be cleared. Note that this bit is available for each of the conversion requests 'ADC' or 'ADC BIS', so can be set independently.
It is possible to queue two ADTRIG triggered conversions. Both conversions will be executed with a priority based on the
TRIGMASK setting. If both conversion requests have identical TRIGMASK settings, priority is given to the 'ADC' conversion over
the 'ADC BIS' conversion. Note that the ADONESHOT is also taken into account.
To avoid that the ADTRIG input inadvertently triggers a conversion, the ADTRIGIGN bit can be set which will ignore any
transition on the ADTRIG pin. The ADC completely ignores either ADTRIG or ASC pulses while ADEN is low. When reading
conversion results, it is preferable to make ADEN = 0.
R/W
Bit
Address
Bits
Null
Bit
ADC
BIS0
8 Bit Address Header
24 Bit Data
ADC Control
Register 0
R/W
Bit
Address
Bits
Null
Bit
ADC
BIS1
ADC Control
Register 1
R/W
Bit
Address
Bits
Null
Bit
ADC
BIS2
ADC Control
Register 2
R/W
Bit
Address
Bits
Null
Bit
ADC Result
Bits
ADC Result
Register ADC0
R/W
Bit
Address
Bits
Null
Bit
ADC BIS Result
Bits
ADC Result
Register ADC1
ADC Control
Bits
ADC Control
Bits
ADC Control
Bits
Location
43
Location
44
Location
46
Location
45
Location
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com