Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
85
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
An external PNP is utilized for VVIDEO to avoid excess on-chip power dissipation at high loads, and large differential between
BP and output settings. For stability reasons a small minimum ESR may be required. In the Low Power mode for VVIDEO an
internal bypass path is used instead of the external PNP. External PNP devices are always to be connected to the BP line in the
application. The recommended PNP device is the ON Semiconductor NSS12100XV6T1G which is capable of handling up to
250mW of continuous dissipation at minimum footprint and 75 °C of ambient. For use cases where up to 500mW of dissipation
is required, the recommended PNP device is the ON Semiconductor
™ NSS12100UW3TCG. For stability reasons a small
minimum ESR may be required.
VAUDIO is implemented with an integrated PMOS pass FET and has a dedicated input supply pin VINAUDIO.
The following tables contain the specifications for the VVIDEO, VAUDIO.
LOW VOLTAGE SUPPLIES
VDIG and VPLL are provided for isolated biasing of the Baseband system PLLs for clock generation in support of protocol and
peripheral needs. Depending on the lineup and power requirements, these supplies may be considered for sharing with other
loads, but noise injection must be avoided and filtering added if necessary, to ensure suitable PLL performance. The VDIG and
VPLL regulators have a dedicated input supply pin: VINDIG for the VDIG regulator, and VINPLL for the VPLL regulator. VINDIG
and VINPLL can be connected to either BP or a 1.8V switched mode power supply rail, such as from SW4 for the two lower set
points of each regulator VPLL[1:0] and VDIG[1:0] = [00], [01]. In addition, when the two upper set points are used VPLL[1:0] and
VDIG[1:0] = [10], [11], the inputs (VINDIG and VINPLL) can be connected to either BP of a 2.2 V nominal external switched mode
power supply rail to improve power dissipation.
PERIPHERAL INTERFACING
IC interfaces in the lineups generally fall in two categories: low voltage IO primarily associated with the AP IC and certain
peripherals at SPIVCC level (powered from SW4), and a higher voltage interface level associated with other peripherals not
compatible with the 1.8 V SPIVCC. VIOHI is provided at a fixed 2.775 V level for such interfaces, and may also be applied to
other system needs within the guidelines of the regulator specifications. The input VINIOHI is not only used by the VIOHI
regulator, but also by other blocks, therefore it should always be connected to BP, even if the VIOHI regulator is not used by the
system.
VIOHI has an internal PMOS pass FET which will support loads up to 100 mA.
CAMERA
The camera module is supplied by the regulator VCAM. This allows powering the entire module independent of the rest of
other parts of the system, as well as to select from a number of VCAM output levels for camera vendor flexibility. In applications
Table 54. VVIDEO and VAUDIO Voltage Control
Parameter
Value
Function
ILoad max
VVIDEO
00
Output = 2.700 V
250 mA / 350 mA
01
Output = 2.775 V
250 mA / 350 mA
10
Output = 2.500 V
250 mA / 350 mA
11
Output = 2.600 V
250 mA / 350 mA
VAUDIO
00
Output = 2.300 V
150 mA
01
Output = 2.500 V
150 mA
10
Output = 2.775 V
150 mA
11
Output = 3.000 V
150 mA
Table 55. VPLL and VDIG Voltage Control
Parameter
Value
Function
ILoad max
Input Supply
VPLL[1:0]
00
output = 1.2 V
50 mA
BP or 1.8 V
01
output = 1.25 V
50 mA
BP or 1.8 V
10
output = 1.5 V
50 mA
BP or External Switcher
11
output = 1.8 V
50 mA
BP or External Switcher
VDIG[1:0]
00
output = 1.05 V
50 mA
BP or 1.8 V
01
output = 1.25 V
50 mA
BP or 1.8 V
10
output = 1.65 V
50 mA
BP or External Switcher
11
output = 1.8 V
50 mA
BP or External Switcher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com