Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 52Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 53Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 54Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
13892
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK
OSCILLATOR APPLICATION GUIDELINES
The guidelines below may prove to be helpful in providing a crystal oscillator that starts reliably and runs with minimal jitter.
PCB leakage: The RTC amplifier is a low current circuit. Therefore, PCB leakage may significantly change the operating point
of the amplifier and even the drive level to the crystal. (Changing the drive level to the crystal may change the aging rate, jitter,
and even the frequency at a given load capacitance.) The traces should be kept as short as possible to minimize the leakage,
and good PCB manufacturing processes should be maintained.
Layout: The traces from the 13892 to the crystal, load capacitance, and the RTC Ground are sensitive. They must be kept as
short as possible with minimal coupling to other signals. The signal ground for the RTC is to be connected to GNDRTC, and via
a single connection, GNDRTC to the system ground. The CLK32K and CLK32KMCU square wave outputs must be kept away
from the crystal / load capacitor leads, as the sharp edges can couple into the circuit and lead to excessive jitter. The crystal /
load capacitance leads and the RTC Ground must form a minimal loop area.
Crystal Choice: Generally speaking, crystals are not interchangeable between manufacturers, or even different packages for
a given manufacturer. If a different crystal is considered, it must be fully characterized with the MC13892 before it can be
considered.
Tuning Capacitors: The nominal load capacitance is 9.0 pF, therefore the total capacitance at each node should be 18 pF,
composed out of the load capacitance, the effective input capacitance at each pin, plus the PCB stray capacitance for each pin.
SRTC SUPPORT
The MC13892 provides support for processors which have an integrated SRTC for Digital Rights Management (DRM), by
providing a VSRTC voltage to bias the SRTC module of the processor, as well as a CLK32KMCU at the VSRTC output level.
When configured for DRM mode (SPI bit DRM = 1), the CLK32MCU driver will be kept enabled through all operational states,
to ensure that the SRTC module always has its reference clock. If DRM = 0, the CLK32KMCU driver will not be maintained in the
Off state. Refer to Table 23 for the operating behavior of the CLK32KMCU output in User Off, Memory Hold, User off Wait, and
internal MEMHOLD PCUT modes.
It is also necessary to provide a means for the processor to do an RTC initiated wake-up of the system, if it has been
programmed for such capability. This can be accomplished by connecting an open drain NMOS driver to the PWRON pin of the
MC13892, so that it is in effect a parallel path for the power key. The MC13892 will not be able to discern the turn on event from
a normal power key initiated turn on, but the processor should have the knowledge, since the RTC initiated turn on is generated
locally.
Table 16. Crystal Oscillator Main Characteristics
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
Oscillator and RTC Block from BP
1.2
-
4.65
V
Coin cell Disconnect Threshold
At LICELL
1.8
-
2.0
V
RTC oscillator startup time
Upon application of power
-
-
1.0
sec
XTAL1 Input Level
External clock source
0.3
-
-
VPP
XTAL1 Input Range
External clock source
-0.5
-
1.2
V
Output Low CLK32K,
CLK32KMCU
Output sink 100
μA
0
-
0.2
V
Output High
CLK32K Output source 100
μA
SPIVCC-0.2
-
SPIVCC
V
CLK32KMCU Output source 100
μA
VSRTC-0.2
-
VSRTC
V
CLK32K Rise and Fall Time
CL=50 pF
CLK32KDRV[1:0] = 00 (default)
-
22
-
ns
CLK32KDRV[1:0] = 01
-
11
-
ns
CLK32KDRV[1:0] = 10
-
High Z
-
ns
CLK32KDRV[1:0] = 11
-
44
-
ns
CLD32KMCU Rise and Fall Time
CL=12 pF
-
22
-
ns
CLK32K and CLK32KMCU
Output Duty Cycle
Crystal on XTAL1, XTAL2 pins
45
-
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com