Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
71
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
SUPPLIES
SUPPLY FLOW
The switched mode power supplies and the linear regulators are dimensioned to support a supply flow based upon Figure 15.
Figure 15. Supply Distribution
While maintaining the performance as specified, the minimum operating voltage for the supply tree is 3.0 V. For lower
voltages, the performance may be degraded.
Table 43 summarizes the available power supplies.
Table 43. Power Tree Summary
Supply
Purpose (Typical Application)
Output Voltage (in V)
Load Capability (in mA)
SW1
Buck switcher for processor core(s)
0.600-1.375
1050
SW2
Buck switcher for processor SOG, etc.
0.600-1.375; 1.100-1.850
800
SW3
Buck switcher for internal processor memory and
peripherals
0.600-1.375; 1.100-1.850
800
SW4
Buck switcher for external memory and peripherals
0.600-1.375; 1.100-1.850
800
SWBST
Boost switcher for USB OTG, Tri-color LED drivers
5.0
300
VIOHI
IO and Peripheral supply, eFuse support
2.775
100
VPLL
Quiet Analog supply (PLL, GPS)
1.2/1.25/1.5/1.8
50
VDIG
Low voltage digital (DPLL, GPS)
1.05/1.25/1.65/1.8
50
VSD
SD Card, external PNP
1.8/2.0/2.6/2.7/2.8/2.9/3.0/3.15
250
VUSB2
External USB PHY supply
2.4/2.6/2.7/2.775
50
VVIDEO
TV DAC supply, external PNP
2.5/2.6/2.7/2.775
350
VAUDIO
Audio supply
2.3/2.5/2.775/3.0
150
Charger
Protect
and
Detect
SWBST
5.0V
Coincell
CC Charge
RTC,
MEMA/B
SW1
GP Core
DVS Domain
External
Memory
Viohi
Vcore
Vcam
Core
SD, Tflash
Camera
IO and
Digital
Peripherals
IO, EFUSE
GPOs
0.6 to 1.15V
VGEN3
Peripherals
Vsd
Vpll
Core PLLs
(Analog)
Battery
Voltage &
Current
Control
BP
Power Audio
Coin Cell
Peripherals
SW4
1.8V
SW2
0.6 to 1.25V
PGATE
Vdig
GPS Core
VGEN1
WLAN, BT
VGEN2
MLC NAND
Alternate hardwired bias option
from external 2.2V switcher
Vcoredig
Processor Interfaces
PNP
PNP
PNP
PNP
Serial Backlight
Drivers
System
Supplies
External
Loads
Internal
Loads
Energy
Source
Legend
SOG Core
DVS Domain
SW3
1.25V
Internal
Processor
Memory
PNP
PNP
Accessory
USB Cable
Interface
UVBUS
VVIDEO
PNP
VAUDIO
Audio
TV-DAC
PNP
VUSB
USB
PHY
PGATE
Peripherals
VUSB2
Alternate hardwired
bias option from SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com