Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
89
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
Table 61. Main Control Bit Signals
Name
Description
Control Bits
VCHRG[2:0]
Charger regulator voltage setting
ICHRG[3:0]
Charger regulator current setting
TREN
Internal trickle charger enabling
THCHKB
Battery thermistor check disable
FETOVRD, FETCTRL
SPI control over BATTFET pin (M3)
FETOVRD: 0 = BATTFET output are controlled by hardware
1 = BATTFET controlled by the state of the FETCTRL bit
FETOCTRL: 0 = BATTFET is driven high if FETOVRD is set
1 = BATTFET is driven low if FETOVRD is set
RVRSMODE
Reverse mode enabling
0 = Reverse mode disabled
1 = Reverse mode enabled
PLIM[1:0], PLIMDIS
Power limiter setting and disabling
PLIMDIS: 0 = Power limiter enabled
1 = Power limiter disabled
CHRGLEDEN
Charge LED indicator enabling
0 = CHRGLED disabled
1 = CHRGLED enabled
CHGRESTART
Charger state machine restart
CHGAUTOB
Selects between standalone or software controlled charging operation
0 = Standalone charging
1 = Software controlled charging
CHGAUTOVIB
Allows for SPI control over-voltage and current settings in standalone charging mode
CYCLB
Controls charging resume behavior
0 = Enables cycling
1 = Disables cycling
Interrupt and Status bits
CHGDETI
Charger attach
CHGFAULTI
CHRGRAW over-voltage, excessive power dissipation, timeout, battery out of temperature range
CHGFAULTS[1:0]
Charger fault mode sense bits
CHGENS
Charger enable sense bit
USBOVI
USB over-voltage
CHGSHORTI
Short-circuit detection in reverse mode
CHGREVI
Charger path reverse current, detection based on CHGCURR threshold
CHGCURRI
Charge current threshold, detection based on CHGCURR threshold
CCCVI
Charger path regulation mode, detection based on BATTCYCL threshold
CHRGSE1BI
Wall Charger Detect
CHRGSE1BS
CHRSE1B pin sense
CHRGSSS
Charger configuration sense, serial versus single. A logic 1 indicates a serial path.
Thresholds
CHGCURR
CHRGISNS-BPSNS at 35 mA flowing into phone, used for end of charge detection, charger removal and
charge current reversal
BATTMIN
BATT at 3.0 V, used to increase charge current (40/80 mA and 80/560 mA), detect a dead battery insertion
while charging
BPON
BP at 3.2 V, used to allow turn on when charging from USB, closes M3 when in serial path
BATTON
BATT at 3.4 V, used to allow turn on when charging from USB, closes M3 when in serial path
BATTCYCL
BPSNS at 98% of charger voltage setting, used to restart charging, used by CCCVI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com