Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 112Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 113Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 114Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 115Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 116Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 117Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 118Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 119Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 161 page
background image
Analog Integrated Circuit Device Data
116
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
LIGHTING SYSTEM
Figure 34. Serial LED Configurations
In the left most example in Figure 34: LEDMD set at 15 mA (low range), LEDKP set at 30 mA (high range). When both are
operated then the LEDMD current will pulse at 30 mA and the LEDKP current at 60 mA. This provides an average of 15 mA
through the main display backlight LEDs and 30 mA through the keypad backlights LEDs.
SIGNALING LED DRIVERS
The signaling LED drivers LEDR, LEDG, and independent current sink channels. Each driver channel features programmable
current levels via LEDx[2:0] as well as programmable PWM duty cycle settings with LEDxDC[5:0]. By a combination of both, the
LED intensity can be adjusted. By driving LEDs of different colors, color mixing can be achieved.
Blue LEDs or bright green LEDs require more headroom than red and normal green signal LEDs. In the application, a 5.0 V
or equivalent supply rail is therefore required. This is provided by the integrated boost converter SWBST. To make software
programming easier, an LEDSWBSTEN SPI bit has been provided in the Blue LED register to enable the boost converter. Note
Table 107. Signaling LED Drivers Current Programming
LEDx[2:0](81)
LEDx Current Level (mA)
000
0
001
3
010
6
011
9
100
12
101
15
110
18
111
21
Notes
81.
“x” represents for R, G and B
Table 108. Signaling LED Drivers Duty Cycle Programming
LEDxDC[5:0](82)
Duty Cycle
000000
0/32, Off
000001
1/32
…
…
010000
16/32
…
…
011111
31/32
1xxxxx
32/32, Continuously On
Notes
82.
“x” represents R, G and B
LEDKP
LEDMD
12 LED Keypad Arrangement
2 LED Reduced Keypad Option
LEDAD
6 LED Main Display
LEDKP
LEDMD
External
Boost
9 LED Keypad
6 LED Main Display
LEDAD
6 LED Main Display
3 LED Aux Display
LEDMD
External
Boost
External
Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com