Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 120Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 121Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 122Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 123Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 124Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 125Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 126Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 127Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 161 page
background image
Analog Integrated Circuit Device Data
124
Freescale Semiconductor
13892
SPI BITMAP
LOBATHS
14
R
NONE
S
LOBATHI sense bit
Reserved
15
R
0
For future use
BVALIDS
16
R
NONE
S
USB B-session valid sense
Reserved
17
R
0
For future use
Reserved
18
R
0
For future use
IDFLOATS
19
R
NONE
S
ID float sense bit
IDGNDS
20
R
NONE
S
ID ground sense bit
Reserved
21
R
0
For future use
Reserved
22
R
0
For future use
Reserved
23
R
0
For future use
Table 115. Register 3, Interrupt Status 1
Name
Bit #
R/W
Reset
Default
Description
1HZI
0
RW1C
RTCPORB
0
1.0 Hz time tick
TODAI
1
RW1C
RTCPORB
0
Time of day alarm
PWRON3I
2
RW1C
OFFB
0
PWRON3 event
PWRON1I
3
RW1C
OFFB
0
PWRON1 event
PWRON2I
4
RW1C
OFFB
0
PWRON2 event
WDIRESETI
5
RW1C
RTCPORB
0
WDI system reset event
SYSRSTI
6
RW1C
RTCPORB
0
PWRON system reset event
RTCRSTI
7
RW1C
RTCPORB
1
RTC reset event
PCI
8
RW1C
OFFB
0
Power cut event
WARMI
9
RW1C
RTCPORB
0
Warm start event
MEMHLDI
10
RW1C
RTCPORB
0
Memory hold event
LPBI
11
RW1C
RTCPORB
0
Low power USB boot detection
THWARNLI
12
RW1C
RESETB
0
Thermal warning low threshold
THWARNHI
13
RW1C
RESETB
0
Thermal warning high threshold
CLKI
14
RW1C
RESETB
0
Clock source change
Spare
15
RW1C
RESETB
0
For future use
SCPI
16
RW1C
RESETB
0
Short-circuit protection trip detection
Reserved
17
R
0
For future use
Reserved
18
R
0
For future use
Reserved
19
R
0
For future use
Reserved
20
R
0
For future use
Unused
21
R
0
Not available
BATTDETBI
22
RW1C
RESETB
0
Battery removal detect
Spare
23
RW1C
RESETB
0
For future use
Table 116. Register 4, Interrupt Mask 1
Name
Bit #
R/W
Reset
Default
Description
1HZM
0
R/W
RTCPORB
1
1HZI mask bit
TODAM
1
R/W
RTCPORB
1
TODAI mask bit
PWRON3M
2
R/W
OFFB
1
PWRON3 mask bit
PWRON1M
3
R/W
OFFB
1
PWRON1 mask bit
PWRON2M
4
R/W
OFFB
1
PWRON2 mask bit
WDIRESETM
5
R/W
RTCPORB
1
WDIRESETI mask bit
SYSRSTM
6
R/W
RTCPORB
1
SYSRSTI mask bit
Table 114. Register 2, Interrupt Sense 0
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com