Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 125Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 126Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 127Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 128Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 129Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 130Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 131Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 132Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
129
13892
SPI BITMAP
Unused
11
R
0
Not available
Unused
12
R
0
Not available
Unused
13
R
0
Not available
Unused
14
R
0
Not available
Unused
15
R
0
Not available
BPSNS0
16
R/W
RTCPORB
0
BPSNS1
17
R/W
RTCPORB
0
Reserved
18
R
0
For future use
BATTDETEN
19
R/W
RTCPORB
0
Enables battery detect function
VCOIN0
20
R/W
RTCPORB
0
Coin cell charger voltage setting
VCOIN1
21
R/W
RTCPORB
0
VCOIN2
22
R/W
RTCPORB
0
COINCHEN
23
R/W
RTCPORB
0
Coin cell charger enable
Notes
84.
On the 13892A, the default value is 0, while it is 1 on the 13892B.
Table 126. Register 14, Power Control 1
Name
Bit #
R/W
Reset
Default
Description
PCT0
0
R/W
RTCPORB
0
Power cut timer
PCT1
1
R/W
RTCPORB
0
PCT2
2
R/W
RTCPORB
0
PCT3
3
R/W
RTCPORB
0
PCT4
4
R/W
RTCPORB
0
PCT5
5
R/W
RTCPORB
0
PCT6
6
R/W
RTCPORB
0
PCT7
7
R/W
RTCPORB
0
PCCOUNT0
8
R/W
RTCPORB
0
Power cut counter
PCCOUNT1
9
R/W
RTCPORB
0
PCCOUNT2
10
R/W
RTCPORB
0
PCCOUNT3
11
R/W
RTCPORB
0
PCMAXCNT0
12
R/W
RTCPORB
0
Maximum allowed number of power cuts
PCMAXCNT1
13
R/W
RTCPORB
0
PCMAXCNT2
14
R/W
RTCPORB
0
PCMAXCNT3
15
R/W
RTCPORB
0
Unused
16
R
0
Not available
Unused
17
R
0
Not available
Unused
18
R
0
Not available
Unused
19
R
0
Not available
Unused
20
R
0
Not available
Unused
21
R
0
Not available
Unused
22
R
0
Not available
Unused
23
R
0
Not available
Table 127. Register 15, Power Control 2
Name
Bit #
R/W
Reset
Default
Description
RESTARTEN
0
R/W
RTCPORB
0
Enables automatic restart after a system reset
PWRON1RSTEN
1
R/W
RTCPORB
0
Enables system reset on PWRON1 pin
PWRON2RSTEN
2
R/W
RTCPORB
0
Enables system reset on PWRON2 pin
Table 125. Register 13, Power Control 0
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com