Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 142Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 143Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 144Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 145Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 146Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 147Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 148Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 149Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 161 page
background image
Analog Integrated Circuit Device Data
146
Freescale Semiconductor
13892
SPI BITMAP
IDPUCNTRL
22
R/W
RESETB
0
UID pin pull up source select
Reserved
23
R
0
For future use
Table 162. Register 50, Charger USB 1
Name
Bit #
R/W
Reset
Default
Description
VUSBIN
0
R/W
NONE
*
Slave or Host configuration for VBUS
Unused
1
R
0
Not available
Unused
2
R
0
VUSBEN
3
R/W
RESETB
1
VUSB enable (PUMS2=Open)
Also reset to 1 by invalid VBUS
NONE
*
VUSB enable (PUMS2=GND)
Unused
4
R
0
Not available
Unused
5
R
0
Reserved
6
R
0
For future use
Reserved
7
R
0
ID100KPU
8
R/W
RESETB
0
Switches in 100K UID pull-up
Reserved
9
R
0
For future use
OTGSWBSTEN
10
R/W
RESETB
0
Enable SWBST for USB OTG mode
Reserved
11
R
0
For future use
Reserved
12
R
0
Reserved
13
R
0
Unused
14
R
0
Not available
Unused
15
R
0
Reserved
16
R
0
For future use
Spare
17
R/W
RESETB
0
Spare
18
R/W
RESETB
0
For future use
Unused
19
R
0
Not available
Unused
20
R
0
Unused
21
R
0
Unused
22
R
0
Unused
23
R
0
Table 163. Register 51, LED Control 0
Name
Bit #
R/W
Reset
Default
Description
Spare
0
R/W
RESETB
0
For future use
LEDMDHI
1
R/W
RESETB
0
Main display driver high current mode
LEDMDRAMP
2
R/W
RESETB
0
Main display driver ramp enable
LEDMDDC0
3
R/W
RESETB
0
Main display driver duty cycle
LEDMDDC1
4
R/W
RESETB
0
LEDMDDC2
5
R/W
RESETB
0
LEDMDDC3
6
R/W
RESETB
0
LEDMDDC4
7
R/W
RESETB
0
LEDMDDC5
8
R/W
RESETB
0
LEDMD0
9
R/W
RESETB
0
Main display driver current setting
LEDMD1
10
R/W
RESETB
0
LEDMD2
11
R/W
RESETB
0
Spare
12
R/W
RESETB
0
For future use
LEDADHI
13
R/W
RESETB
0
Auxiliary display driver high current mode
Table 161. Register 49, USB 0
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com