Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
25
VRE_TEM
Radiated emissions,
electric field and
magnetic field
VDD = 1.2 V
VDDE = 3.3 V
VDDEH = 5 V
TA = 25 °C
416 BGA
EBI off
CLK off
FM on4
40 MHz crystal
264 MHz
(fEBI_CAL =66
MHz)
0.15–50
24
dB
μV
1
50–150
25
150–500
25
500–1000
21
IEC and SAE level
K5
—
1,3
1 Determined according to IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband TEM
Cell Method, and SAE Standard J1752-3, Measurement of Radiated Emissions from Integrated Circuits—TEM/Wideband
TEM (GTEM) Cell Method.
2 I = 36 dB
μV
3 Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method, and Appendix D of SAE Standard J1752-3, Measurement of Radiated Emissions from Integrated
Circuits—TEM/Wideband TEM (GTEM) Cell Method.
4 “FM on” = FM depth of ±2%
5 K = 30 dB
μV
Table 8. EMC Radiated Emissions Operating Behaviors: 516 BGA
Symbol
Description
Conditions
fOSC
fSYS
Frequency
band (MHz)
Level
(max.)
Unit Notes
VRE_TEM
Radiated emissions,
electric field and
magnetic field
VDD = 1.2 V
VDDE = 3.3 V
VDDEH = 5 V
TA = 25 °C
516 BGA
EBI on
CLK on
FM off
40 MHz crystal
264 MHz
(fEBI_CAL =66
MHz)
0.15–50
40
dB
μV
1
1 Determined according to IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband TEM
Cell Method, and SAE Standard J1752-3, Measurement of Radiated Emissions from Integrated Circuits—TEM/Wideband
TEM (GTEM) Cell Method.
50–150
48
150–500
48
500–1000
47
IEC and SAE level
G2
2 G = 48 dB
μV
—
1, 3
3 Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method, and Appendix D of SAE Standard J1752-3, Measurement of Radiated Emissions from Integrated
Circuits—TEM/Wideband TEM (GTEM) Cell Method.
VRE_TEM
Radiated emissions,
electric field and
magnetic field
VDD = 1.2 V
VDDE = 3.3 V
VDDEH = 5 V
TA = 25 °C
516 BGA
EBI on
CLK on
FM on4
4 “FM on” = FM depth of ±2%
40 MHz crystal
264 MHz
(fEBI_CAL =66
MHz)
0.15–50
40
dB
μV
1
50–150
44
150–500
41
500–1000
36
IEC and SAE level
G2
—
1, 3
Table 7. EMC Radiated Emissions Operating Behaviors: 416 BGA (continued)
Symbol
Description
Conditions
fOSC
fSYS
Frequency
band (MHz)
Level
(max.)
Unit Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com