Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
30
4.6.1
Power-Up
If VDDE/VDDEH is powered up first, then a threshold detector tristates all drivers connected to VDDE/VDDEH. There is no limit
to how long after VDDE/VDDEH powers up before VDD must power up. If there are multiple VDDE/VDDEH supplies, they can
be powered up in any order. For each VDDE/VDDEH supply not powered up, the drivers in that VDDE/VDDEH segment exhibit
the characteristics described in the next paragraph.
If VDD is powered up first, then all pads are loaded through the drain diodes to VDDE/VDDEH. This presents a heavy load that
pulls the pad down to a diode above VSS. Current injected by external devices connected to the pads must meet the current
injection specification. There is no limit to how long after VDD powers up before VDDE/VDDEH must power up.
The rise times on the power supplies are to be no faster than 25 V/millisecond.
4.6.2
Power-Down
If VDD is powered down first, then all drivers are tristated. There is no limit to how long after VDD powers down before
VDDE/VDDEH must power down.
If VDDE/VDDEH is powered down first, then all pads are loaded through the drain diodes to VDDE/VDDEH. This presents a heavy
load that pulls the pad down to a diode above VSS. Current injected by external devices connected to the pads must meet the
current injection specification. There is no limit to how long after VDDE/VDDEH powers down before VDD must power down.
There are no limits on the fall times for the power supplies.
4.6.3
Power Sequencing and POR Dependent on VDDA
During power up or down, VDDA can lag other supplies (of magnitude greater than VDDEH/2) within 1 V to prevent any
forward-biasing of device diodes that causes leakage current and/or POR. If the voltage difference between VDDA and VDDEH
is more than 1 V, the following will result:
•
Triggers POR (ADC monitors on VDDEH1 segment which powers the RESET pin) if the leakage current path created,
when VDDA is sufficiently low, causes sufficient voltage drop on VDDEH1 node monitored crosses low-voltage detect
level.
•If VDDA is between 0–2 V, powering all the other segments (especially VDDEH1) will not be sufficient to get the part
out of reset.
•
Each VDDEH will have a leakage current to VDDA of a magnitude of ((VDDEH –VDDA – 1 V(diode drop)/200 KOhms)
up to (VDDEH/2 = VDDA +1V).
Table 13. Power Sequence Pin States for F and FS pads
VDD
VDD33
VDDE
F and FS pads
low
low
high
Outputs drive high
low
high
—
Outputs Disabled
high
low
low
Outputs Disabled
high
low
high
Outputs drive high
high
high
low
Normal operation - except no drive current
and input buffer output is unknown.1
1 The pad pre-drive circuitry will function normally but since VDDE is unpowered
the outputs will not drive high even though the output pmos can be enabled.
high
high
high
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com