Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
31
•
Each VDD has the same behavior; however, the leakage will be small even though there is no current limiting resistor
since VDD = 1.32 V max.
4.7
DC Electrical Specifications
Table 14. DC Electrical Specifications1
Spec
Characteristic
Symbol
Min
Max
Unit
1
Core Supply Voltage (External Regulation)
VDD
1.14
1.322, 3
V
1a
Core Supply Voltage (Internal Regulation)4
VDD
1.08
1.32
V
2
I/O Supply Voltage (fast I/O pads)
VDDE
3.0
3.62, 5
V
3
I/O Supply Voltage (medium I/O pads)
VDDEH
3.0
5.252, 6
V
4
3.3 V I/O Buffer Voltage
VDD33
3.0
3.62, 5
V
5
Analog Supply Voltage
VDDA
4.75
5.252, 6
V
6a
SRAM Standby Voltage
Keep-out Range: 1.2V–2V
VSTBY_LOW
0.957
1.2
V
6b
SRAM Standby Voltage
Keep-out Range: 1.2V–2V
VSTBY_HIGH
26
V
7
Voltage Regulator Control Input Voltage8
VDDREG
2.79
5.52, 6
V
8
Clock Synthesizer Operating Voltage10
VDDSYN
3.0
3.62, 5
V
9
Fast I/O Input High Voltage
Hysteresis enabled
Hysteresis disabled
VIH_F
0.65 × VDDE
0.55 × VDDE
VDDE +0.3
V
10
Fast I/O Input Low Voltage
Hysteresis enabled
Hysteresis disabled
VIL_F
VSS –0.3
0.35 × VDDE
0.40 × VDDE
V
11
Medium I/O Input High Voltage
Hysteresis enabled
Hysteresis disabled
VIH_S
0.65 × VDDEH
0.55 × VDDEH
VDDEH +0.3
V
12
Medium I/O Input Low Voltage
Hysteresis enabled
Hysteresis disabled
VIL_S
VSS –0.3
0.35 × VDDEH
0.40 × VDDEH
V
13
Fast I/O Input Hysteresis
VHYS_F
0.1 × VDDE
—V
14
Medium I/O Input Hysteresis
VHYS_S
0.1 × VDDEH
—V
15
Analog Input Voltage
VINDC
VSSA –0.1
VDDA +0.1
V
16
Fast I/O Output High Voltage11
VOH_F
0.8 × VDDE
—V
17
Medium I/O Output High Voltage12
VOH_S
0.8 × VDDEH
—V
18
Fast I/O Output Low Voltage11
VOL_F
—0.2 × VDDE
V
19
Medium I/O Output Low Voltage12
VOL_S
—0.2 × VDDEH
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com