Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5673F Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
Ordering Information
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
3
1
Ordering Information
1.1
Orderable Parts
Figure 1 and Table 1 describe and list the orderable part numbers for the MPC5674F.
Figure 1. MPC5674F Orderable Part Number Description
Table 1. Orderable Part Numbers1
1 This table includes part numbers for sample parts. Refer to the product summary page on http://www.freescale.com for
production part numbers.
Freescale Part Number2
2 All packaged devices are PPC5674F, rather than MPC5674F or SPC5674F, until product qualifications are complete. The
unpackaged device prefix is PCC, rather than SCC, until product qualification is complete.
Not all configurations are available in the PPC parts.
Package Description
Speed (MHz)3
3 For the operating mode frequency of various blocks on the device, see Table 28.
Operating Temperature4
4 The lowest ambient operating temperature is referenced by T
L; the highest ambient operating temperature is referenced by TH.
Nominal
Max5 (fMAX)
5
Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including frequency modulation (FM).
270 MHz parts allow for 264 MHz system clock + 2% FM.
Min (TL)Max (TH)
PPC5674FMVRA264
416 package, Pb-free
264
270
–40 °C
125 °C
PPC5674FMVVA264
516 package, SnPb
264
270
–40 °C
125 °C
PPC5674FMVYA264
516 package, Pb-free
264
270
–40 °C
125 °C
PPC5674FMVZA264
324 package, Pb-free
200
200
–40 °C
125 °C
MPC
M
264 R
Qualification status
Core code
Device number
Temperature range
Package identifier
Revision of Silicon
Operating frequency (MHz)
Tape and reel status
Temperature Range
M = –40 °C to 125 °C
Package Identifier
VZ = 324 BGA Pb-free
VR = 416 BGA Pb-free
VY = 516 BGA Pb-free
VV = 516 BGA SnPb
Operating Frequency
150 = 150 MHz
200 = 200 MHz
264 = 264 MHz
Tape and Reel Status
R = Tape and reel
(blank) = Trays
Qualification Status
P = Pre qualification
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
Note: Not all options are
available on all
devices. Refer to
Table 1.
5674F
VR
A
Revision of Silicon
(blank) = Rev 1
A = Rev 2
(MPC and SPC part numbers will not have this field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com