Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
38
Table 19. Oscillator Electrical Specifications1
(VDDSYN = 3.0 V to 3.6 V, VSS =VSSSYN =0 V, TA =TL to TH)
1 All values given are initial design targets and subject to change.
Spec
Characteristic
Symbol
Min
Max
Unit
1
Crystal Mode Differential Amplitude2
(Min differential voltage between EXTAL and XTAL)
2 This parameter is meant for those who do not use quartz crystals or resonators, but instead use CAN oscillators in crystal mode.
In that case, Vextal –Vxtal ≥ 400 mV criterion has to be met for oscillator’s comparator to produce output clock.
Vcrystal_diff_amp
| Vextal – Vxtal |
>0.4 V
—V
2
Crystal Mode: Internal Differential Amplifier Noise
Rejection
V
crystal_diff_amp_nr
—
| Vextal – Vxtal |
<0.2 V
V
3
EXTAL Input High Voltage
Bypass mode, External Reference
VIHEXT
((VDD33/2) + 0.4 V)
—V
4
EXTAL Input Low Voltage
Bypass mode, External Reference
VILEXT
—
(VDD33/2) – 0.4 V
V
5
XTAL Current3
3 I
xtal is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded.
IXTAL
13
mA
6
Total On-chip stray capacitance on XTAL
CS_XTAL
—
1.5
pF
7
Total On-chip stray capacitance on EXTAL
CS_EXTAL
—
1.5
pF
8
Crystal manufacturer’s recommended capacitive
load
CL
See crystal spec
See crystal spec
pF
9
Discrete load capacitance to be connected to EXTAL
CL_EXTAL
—
(2 × CL –CS_EXTAL
–CPCB_EXTAL
4
)
4 C
PCB_EXTAL and CPCB_XTAL are the measured PCB stray capacitances on EXTAL and XTAL, respectively.
pF
10
Discrete load capacitance to be connected to XTAL
CL_XTAL
—
(2 × CL –CS_XTAL
–CPCB_XTAL
4
)
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com