Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
43
4.11
AC Specifications
4.11.1
Clocking
The Figure 16 shows the operating frequency domains of various blocks on MPC5674F.
Figure 16. MPC5674F Block Operating Frequency Domain Diagram
Table 28 shows the operating frequencies of various blocks depending on the device’s clocking mode configuration settings (see
Table 29 and Table 30 for descriptions of bit settings).
5 For maximum flash performance, set to 0b1.
6 This is the nominal maximum frequency of operation in Enchanced Mode. Max speed is the maximum speed
allowed including frequency modulation (FM). 270 MHz parts allow for 264 MHz system core clock(fsys)+ 2% FM
and 132 Mhz platform clock (fplatf)+ 2% FM.
7 Preliminary setting. Final setting pending characterization.
PLL
CORE
PLATFORM /
eTPU /
EBI
CAL BUS
EXTAL
D_CLKOUT
fplatf
Note: tcycsys = 1 / fsys
tcyc =1 / fplatf
÷ 2 = divide-by-2
÷ X = divide-by-X, depending on SIU_SYSDIV[BYPASS]
and SIU_SYSDIV[SYSCLKDIV].
BLOCKS /
(D_CLKOUT is not available
on all packages and cannot
be programmed for faster
than fsys/2.)
÷ 2
PLLCFG[0:1]
SIU_SYSDIV[SYSCLKDIV[0:1]]
IPG DIV SEL
ETPU DIV SEL
SIU_SYSDIV[IPCLKDIV[0:1]]
fetpu
SYSDIV
÷ X
FLASH
NDEDI
DIV
febi_cal
SIU_SYSDIV[BYPASS]
X = 2, 4, 8, or 16
X=1
fsys
SIU_ECCR[EBDF[0:1]]
fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com