Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
45
4.11.2
Pad AC Specifications
Table 31. Pad AC Specifications (VDDEH = 5.0 V, VDDE =3.3 V)
1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
VDD = 1.02 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDDEH = 4.75 V to 5.25 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH.
Spec
Pad
SRC/DSC
Out Delay2,4
L
→ H/H → L (ns)
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
Rise/Fall3,4
(ns)
3 This parameter is guaranteed by characterization before qualification rather than 100% tested.
4 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Load Drive
(pF)
1Medium5
5 Out delay is shown in Figure 17. Add a maximum of one system clock to the output delay for delay with respect to system clock.
00
152/165
70/74
50
2
205/220
96/96
200
3
01
28/34
12/15
50
4
52/59
28/31
200
5
11
12/12
5.3/5.9
50
6
32/32
22/22
200
7Fast6
6 Out delay is shown in Figure 17. Add a maximum of one system clock to the output delay for delay with respect to system clock.
00
2.5
1.2
10
801
20
910
30
10
11
50
11
Fast with Slew Rate
00
40/40
16/16
50
12
50/50
21/21
200
13
01
13/13
5/5
50
14
19/19
8/8
200
15
10
8/8
2.4/2.4
50
16
12/12
5/5
200
17
11
5/5
1.1/1/1
50
18
8/8
2.6
2.6
19
Pull Up/Down (3.6 V max)
—
—
7500
50
20
Pull Up/Down (5.25 V max)
—
6000
5000/5000
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com