Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
61
The DSPI in this device can be configured to serialize data to an external device that implements the Microsecond Bus protocol.
DSPI pins support 5 V logic levels or Low Voltage Differential Signalling (LVDS) for data and clock signals to improve high
speed operation.
9
Data Setup Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)8
Master (MTFE = 1, CPHA = 1)
tSUI
20
4
6
20
—
—
—
—
ns
ns
ns
ns
10
Data Hold Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)8
Master (MTFE = 1, CPHA = 1)
tHI
–3
7
12
–3
—
—
—
—
ns
ns
ns
ns
11
Data Valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tSUO
—
—
—
—
5
25
13
5
ns
ns
ns
ns
12
Data Hold Time for Outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tHO
–5
2.5
3
–5
—
—
—
—
ns
ns
ns
ns
1 DSPI timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, and TA =TL to TH
2 Speed is the nominal maximum frequency of platform clock (f
platf). Max speed is the maximum speed allowed including
frequency modulation (FM). 270 MHz parts allow for 264 Mhz for system core clock (fsys) + 2% FM.
3 The minimum DSPI Cycle Time restricts the baud rate selection for given system clock rate. These numbers are calculated
based on two devices communicating over a DSPI link.
4 The actual minimum SCK cycle time is limited by pad performance.
5 The maximum value is programmable in DSPI_CTARn[PSSCK] and DSPI_CTARn[CSSCK].
6 The maximum value is programmable in DSPI_CTARn[PASC] and DSPI_CTARn[ASC].
7 For example, external master should start SCK clock not earlier than 3 system clock periods after assertion SS
8 This number is calculated assuming the SMPL_PT bitfield in DSPI_MCR is set to 0b10.
Table 41. DSPI LVDS Timing1, 2
1 These are typical values that are estimated from simulation.
2 See DSPI LVDS Pad related data in Table 17.
Characteristic
Symbol
Min
Max
Unit
LVDS Clock to Data/Chip Select Outputs
tLVDSDATA
–0.25 ×
tSCYC
+0.25 ×
tSCYC
ns
Table 40. DSPI Timing1 2 (continued)
Spec
Characteristic
Symbol
Peripheral Bus Freq:
132 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com