Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
32
20
Load Capacitance (Fast I/O)13
DSC(PCR[8:9]) = 0b00
DSC(PCR[8:9]) = 0b01
DSC(PCR[8:9]) = 0b10
DSC(PCR[8:9]) = 0b11
CL
—
—
—
—
10
20
30
50
pF
pF
pF
pF
21
Input Capacitance (Digital Pins)
CIN
—7
pF
22
Input Capacitance (Analog Pins)
CIN_A
—10
pF
23
Input Capacitance (Digital and Analog Pins14)CIN_M
—12
pF
24
Operating Current 1.2 V Supplies @ fsys =264 MHz
VDD @1.32 V
VSTBY
15 @1.2 V and 85oC
VSTBY @6.0 V and 85
oC
IDD
IDDSTBY
IDDSTBY6
—
—
—
1.016
0.10
0.15
A
mA
mA
25
Operating Current 3.3 V Supplies @ fsys =264 MHz
VDD33
17
VDDSYN
IDD33
IDDSYN
—
—
note17
718
mA
mA
26
Operating Current 5.0 V Supplies @ fsys =264 MHz
VDDA
Analog Reference Supply Current (Transient)
VDDREG
IDDA
IREF
IREG
—
—
—
3019
1.0
22
mA
mA
mA
27
Operating Current VDDE/VDDEH
20 Supplies
VDDE2
VDDEH1
VDDEH3
VDDEH4
VDDEH5
VDDEH6
VDDEH7
IDD2
IDD1
IDD3
IDD4
IDD5
IDD6
IDD7
—
—
—
—
—
—
—
note20
mA
mA
mA
mA
mA
mA
mA
28
Fast I/O Weak Pull Up/Down Current21
3.0 V–3.6 V
IACT_F
42
158
μA
29
Medium I/O Weak Pull Up/Down Current22
3.0 V–3.6 V
4.5 V–5.5 V
IACT_S
15
35
95
200
μA
μA
30
I/O Input Leakage Current23
IINACT_D
–2.5
2.5
μA
31
DC Injection Current (per pin)
IIC
–1.0
1.0
mA
32
Analog Input Current, Channel Off24, AN[0:7], AN38,
AN39
Analog Input Current, Channel Off, all other analog
inputs AN[x]
IINACT_A
–250
–150
250
150
nA
nA
33
VSS Differential Voltage
VSS –VSSA
–100
100
mV
34
Analog Reference Low Voltage
VRL
VSSA
VSSA +100
mV
Table 14. DC Electrical Specifications1 (continued)
Spec
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com