Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
26
4.4
ESD Characteristics
4.5
PMC/POR/LVI Electrical Specifications
Note: For ADC internal resource measurements, see Table 21 in Section 4.9.1, “ADC Internal Resource Measurements.”
NOTE
In the following table, "untrimmed” means “at reset" and "trimmed” means “after reset".
Table 9. ESD Ratings1,2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade
Integrated Circuits.
2 A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification requirements. Complete DC parametric and functional testing shall be performed per applicable
device specification at room temperature followed by hot temperature, unless specified otherwise in the
device specification.
Spec
Characteristic
Symbol
Value
Unit
1
ESD for Human Body Model (HBM)
VHBM
2000
V
2
ESD for Charged Device Model (CDM)
VCDM
750 (corners)
250 (other)
V
Table 10. PMC Operating conditions
Name
Parameter
Condition
Min
Typ
Max
Unit
Note
VDDREG
Supply voltage VDDREG
5V nominal
LDO5V / SMPS5V mode
4.5
5
5.5
V
1
1 Voltage should be higher than maximum V
LVDREG to avoid LVD event
VDDREG
Supply voltage VDDREG
3V nominal
LDO3V mode
3.0
3.3
3.6
V
1
VDD33
Supply voltage VDDSYN /
VDD33 3.3V nominal
LDO3V mode
3.0
3.3
3.6
V
2
2 Applies to both V
DD33 (flash supply) and VDDSYN (PLL supply) pads. Voltage should be higher than maximum VLVD33
to avoid LVD event
VDD
Supply voltage VDD
1.2V nominal
—
1.14
1.2
1.32
V
3
3
Voltage should be higher than maximum VLVD12 to avoid LVD event
Table 11. PMC Electrical Specifications
ID
Name
Parameter
Min
Typ
Max
Unit
1VBG
Nominal bandgap reference voltage
—
0.620
—
V
1a
—
Untrimmed bandgap reference voltage
VBG – 5%
VBG
VBG + 5%
V
2VDD12OUT
Nominal VRC regulated 1.2V output VDD
—
1.2
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com