Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
52
Figure 25. Nexus Timings
8
TCK Cycle Time
tTCYC
45
—tCYC
3
9
TCK Duty Cycle
tTDC
40
60
%
10
TDI, TMS Data Setup Time
tNTDIS, tNTMSS
8—
ns
11
TDI, TMS Data Hold Time
TNTDIH, tNTMSH
5—
ns
12
TCK Low to TDO Data Valid
tNTDOV
010
ns
13
RDY Valid to MCKO6
——
——
1 All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified
at VDD = 1.08 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH, and CL = 30 pF with
DSC = 0b10.
2 The Nexus AUX port runs up to 82 MHz (pending characterization). Set NPC_PCR[MKCO_DIV] to correct division depending
on the system frequency, not to exceed maximum Nexus AUX port frequency.
3 See Notes on t
cyc on Figure 16 and Table 28 in Section Section 4.11.1 Clocking.
4 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
5 Lower frequency is required to be fully compliant to standard.
6 The RDY pin timing is asynchronous to MCKO. The timing is guaranteed by design to function correctly.
Table 35. Nexus Debug Port Timing1 (continued)
Spec
Characteristic
Symbol
Min
Max
Unit
4
1
2
3
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
7
EVTI
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com