Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
60
Figure 33. eMIOS Timing
4.12.9
DSPI Timing
Table 40. DSPI Timing1 2
Spec
Characteristic
Symbol
Peripheral Bus Freq:
132 MHz
Unit
Min
Max
1
DSPI Cycle Time3, 4
Master (MTFE = 0)
Slave (MTFE = 0)
Master (MTFE = 1)
Slave (MTFE = 1)
tSCK
tSYS * 2
tSYS*32768*7
ns
2
PCS to SCK Delay5
tCSC
12
—
ns
3
After SCK Delay6
Master mode
Slave mode
tASC
tSYS * 2
tSYS *3 –
constraints 7
—
ns
4
SCK Duty Cycle
tSDC
0.33 * tSCK
0.66 * tSCK
ns
5
Slave Access Time
(SS active to SOUT valid)
tA
—
25
ns
6
Slave SOUT Disable Time
(SS inactive to SOUT High-Z or invalid)
tDIS
—
25
ns
7PCSx to PCSS time
tPCSC
tSYS * 2
tSYS * 7
ns
8PCSS to PCSx time
tPASC
tSYS * 2
tSYS * 7
ns
1
2
eMIOS
Output
eMIOS Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com