Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
44
Table 28. MPC5674F Operating Frequencies1, 2
1 The values in the table are specified at:
VDD = 1.02 V to 1.32 V
VDDE = 3.0 V to 3.6 V
VDDEH = 4.5 V to 5.5 V
VDD33 and VDDSYN = 3.0 V to 3.6 V
TA =TL to TH.
2 Up to the maximum frequency rating of the device (refer to Table 1). The f
sys speed is the nominal maximum frequency.
270 Mhz parts allow for 264 Mhz system clock + 2% FM.
Mode
SIU_ECCR
[EBDF[0:1]]3
3 See the MPC5674F Reference Manual for full description as not all bit combinations are valid.
fsys
(core)
fplatf
(platform and all blocks
except eTPU)
fetpu
(eTPU, eTPU RAM,
and NDEDI)
febi_cal
4,5
4 EBI/Calibration bus is not available in all packages.
5 The EBI/Calibration Bus operating frequency, f
ebi_cal , depends on clock divider settings of block’s max allowed
frequency of operation. Normally febi_cal =fplatf /2, but can be limited to < fplatf /2 in Full Mode.
Unit
Enhanced
01
11
264
264
132
132
132
132
66
33
MHz
Full
01
11
200
200
100
100
200
200
50
25
MHz
Legacy
01
11
132
132
132
132
132
132
66
33
MHz
Table 29. IPCLKDIV Settings
SIU_SYSDIV
[IPCLKDIV[0:1]]
Mode
Description
00
Enhanced
CPU frequency is doubled (Max 264Mhz). Platform,
peripheral, and eTPU clocks are 1/2 of CPU frequency
01
Full
CPU and eTPU frequency is doubled (Max 200Mhz).
Platform and peripheral clocks are 1/2 of CPU frequency.
10
—
Reserved
11
Legacy
CPU, eTPU, platform, and peripheral’s clocks all run at
same speed (Max 132Mhz).
Table 30. SYSCLKDIV Settings
SIU_SYSDIV
[SYSCLKDIV[0:1]]
Description
00
Divide by 2.
01
Divide by 4.
10
Divide by 8.
11
Divide by 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com