Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
29
4.6
Power Up/Down Sequencing
There is no power sequencing required among power sources during power up and power down in order to operate within
specification as long as the following two rules are met:
•
When VDDREG is tied to a nominal 3.3V supply, VDD33 and VDDSYN must be both shorted to VDDREG.
•
When VDDREG is tied to a 5V supply, VDD33 and VDDSYN must be tied together and shall be powered by the
internal 3.3V regulator.
The recommended power supply behavior is as follows: Use 25 V/millisecond or slower rise time for all supplies. Power up
each VDDE/VDDEH first and then power up VDD. For power down, drop VDD to 0 V first, and then drop all VDDE/VDDEH
supplies. There is no limit on the fall time for the power supplies.
Although there are no power up/down sequencing requirements to prevent issues like latch-up, excessive current spikes, etc.,
the state of the I/O pins during power up/down varies according to Table 12 and Table 13.
15
—
SMPS regulator output resistance
Note: Pulup to VDDREG when high, pulldown to
VSSREG when low.
—1525
Ohm
16
—
SMPS regulator clock frequency (after reset)
1.0
1.5
2.0
MHz
17
—
SMPS regulator overshoot at start-up2
—1.32
1.4
V
18
—
SMPS maximum output current
—
1.0
—
A
19
—
Voltage variation on current step2 (20% to 80% of
maximum current with 4 usec constant time)
——
0.1
V
1 VRC linear regulator is capable of sourcing a current up to 20 mA and sinking a current up to 500 uA. When using the
recommended ballast transistor the maximum output current provided by the voltage regulator VRC/ballast to the VDD core
voltage is up to 1A.
2 Parameter cannot be tested; this value is based on simulation and characterization.
Table 12. Power Sequence Pin States for MH and AE pads
VDD
VDD33
VDDE
MH Pad
MH+LVDS Pads1
1 MH+LVDS pads are output-only.
AE/up-down Pads
High
High
High
Normal operation
Normal operation
Normal operation
—
Low
High
Pin is tri-stated (output buffer,
input buffer, and weak pulls
disabled)
Outputs driven high
Pull-ups enabled,
pull-downs disabled
Low
High
Low
Output low,
pin unpowered
Outputs disabled
Output low,
pin unpowered
Low
High
High
Pin is tri-stated (output buffer,
input buffer, and weak pulls
disabled)
Outputs disabled
Pull-ups enabled,
pull-downs disabled
Table 11. PMC Electrical Specifications (continued)
ID
Name
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com