Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
21
4.1.4
External Clock Sources
The i.MX53xA device has four external input system clocks, a low frequency (CKIL), a high frequency
(XTAL), and two general purpose CKIH1 and CKIH2 clocks.
The CKIL is used for low-frequency functions. It supplies the clock for wake-up circuit, power-down real
time clock operation, and slow system and watch-dog counters. The clock input can be connected to either
external oscillator or a crystal using internal oscillator amplifier.
VBUS
See Table 4 on page 18 and Table 104 on page 151
for details. Note that this is not a power supply.
——
—
—
VDD_REG10
Power supply input for the integrated linear
regulators
2.37
2.5
2.63
V
VP
SATA PHY core power supply.
1.25
1.3
1.35
V
VPH
SATA PHY I/O supply voltage
2.25
2.5
2.75
V
TJ
Junction Temperature
–40
10511
125
oC
1 Voltage at the package power supply contact must be maintained between the minimum and maximum voltages. The design
must allow for supply tolerances and system voltage drops.
2 The nominal values for the supplies indicate the target setpoint for a tolerance no tighter than ± 50 mV. Use of supplies with a
tighter tolerance allows reduction of the setpoint with commensurate power savings.
3 VDDA and VDDAL1 can be driven by the VDD_DIG_PLL internal regulator using external connections. When operating in this
configuration, the regulator is still operating at the default 1.2V, as bootup start. This is acceptable for boot modes when
connecting any or all of these supplies to the internal on-die LDO regulator.
During bootup initialization, software should increase this regulator voltage to match VCC (1.3V nominal) in order to reduce
internal leakage current.
4 By default, VDD_DIG_PLL is driven from internal on-die 1.2 V linear regulator (LDO). In this case, there is no need driving this
supply externally. LDO output to VDD_DIG_PLL should be configured by software after power-up to 1.3 V output. A bypass
capacitor of minimal value 22
μF should be connected to this pad in any case whether it is driven internally or externally. Use
of the on-chip LDO is preferred. See i.MX53 System Development User’s Guide.
5 By default, the VDD_ANA_PLL is driven from internal on-die 1.8 V linear regulator (LDO). In this case there is no need driving
this supply externally. A bypass capacitor of minimal value 22
μF should be connected to this pad in any case whether it is
driven internally or externally. Use of the on-chip LDO is preferred. See i.MX53 System Development User’s Guide.
6 In case the VDD_FUSE is kept powered on during Fuse Read mode, the efuse_prog_supply_gate bit in CCM_CGPR register
should be kept low, to avoid the possibility of inadvertently blowing fuses. Alternately, VDD_FUSE can be ground or left
floating, when not in Fuse Write mode.
7 If not using TVE module or other pads in this power domain for the product, the TVDAC_DHVDD and TVDAC_AHVDDRGB
can remain floating.
8 GPIO pad operational at low frequency
9 The analog supplies should be isolated in the application design. Use of series inductors is recommended.
10 VDD_REG is power supply input for the integrated linear regulators of VDD_ANA_PLL and VDD_DIG_PLL when they are
configured to the internal supply option. VDDR_REG still has to be tied to 2.5 V supply when VDD_ANA_PLL and
VDD_DIG_PLL are configured for external power supply mode although in this case it is not used as supply source.
11 Lifetime of 43,800 hours based on 105 C junction temperature at nominal supply voltages.
Table 6. i.MX53xA Operating Ranges (continued)
Symbol
Parameter
Minimum1 Nominal2 Maximum1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com