Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 180 page
background image
Modules List
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
9
DEBUG
Debug System
System
Control
The debug system provides real-time trace debug capability of both
instructions and data. It supports a trace protocol that is an integral part of
the ARM Real Time Debug solution (RealView).
Real-time tracing is controlled by specifying a set of triggering and filtering
resources, which include address and data comparators, three
cross-system triggers (CTI), counters, and sequencers.
debug access port (DAP) —The DAP provides real-time access for the
debugger without halting the core to system memory, peripheral register,
debug configuration registers and JTAG scan chains.
EXTMC
External Memory
Controller
Connectivity
Peripherals
The EXTMC is an external and internal memory interface. It performs
arbitration between multi-AXI masters to multi-memory controllers, divided
into four major channels, fast memories (DDR2/DDR3/LPDDR2) channel,
slow memories (NOR-FLASH / PSRAM / NAND-FLASH etc.) channel,
internal memory (RAM, ROM) channel and graphical memory (GMEM)
channel.
In order to increase the bandwidth performance, the EXTMC separates the
buffering and the arbitration between different channels so parallel
accesses can occur. By separating the channels, slow accesses do not
interfere with fast accesses.
EXTMC Features:
• 64-bit and 32-bit AXI ports
• Enhanced arbitration scheme for fast channel, including dynamic master
priority, and taking into account which pages are open or closed and
what type (read or write) was the last access
• Flexible bank interleaving
• Support 16/32-bit DDR2-800 or DDR3-800 or LPDDR2.
• Support up to 2 GByte DDR memories.
• Support NFC, EIM signal muxing scheme.
• Support 8/16/32-bit Nor-Flash/PSRAM memories (sync and async
operating modes), at slow frequency. (8-bit is not supported on
D[23]-D[16]).
• Support 4/8/14/16-bit ECC, page sizes of 512-B, 2-KB and 4-KB
Nand-Flash (including MLC)
• Multiple chip selects (up to 4).
• Enhanced DDR memory controller, supporting access latency hiding
• Support watermark for security (internal and external memories)
EPIT-1
EPIT-2
Enhanced
Periodic Interrupt
Timer
Timer
Peripherals
Each EPIT is a 32-bit “set and forget” timer that starts counting after the
EPIT is enabled by software. It is capable of providing precise interrupts at
regular intervals with minimal processor intervention. It has a 12-bit
prescaler for division of input clock frequency to get the required time
setting for the interrupts to occur, and counter values can be programmed
on the fly.
ESAI
Enhanced Serial
Audio Interface
Connectivity
Peripherals
The enhanced serial audio interface (ESAI) provides a full-duplex serial port
for serial communication with a variety of serial devices, including
industry-standard codecs, SPDIF transceivers, and other processors.
The ESAI consists of independent transmitter and receiver sections, each
section with its own clock generator.
The ESAI has 12 pins for data and clocking connection to external devices.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com