Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 46Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 47Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 48Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 49Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
46
Freescale Semiconductor
Electrical Characteristics
NOTE
A potential limitation for minimum clock frequency may exist for some
devices. When the clock frequency is too low, the data bus capturing might
occur after the specified trhoh (RE_B high to output hold) period. Setting the
clock frequency above 25.6 MHz (that is, T = 39 ns) guaranties a proper
operation for devices having trhoh > 15 ns. It is also recommended that the
NFC_FREQ_SEL Fuse be set accordingly to initiate the boot with
33.33 MHz clock.
Lower frequency operation can be supported for most available devices in
the market, relying on data lines Bus-Keeper logic. This depends on device
behavior on the data bus in the time interval between data output valid to
data output high-Z state. In NAND device parameters this period is marked
between trhoh and trhz (RE_B high to output high-Z). In most devices, the
data transition from valid value to high-Z occurs without going through
other states. Setting the data bus pads to Bus-Keeper mode in the IOMUXC
registers, keeps the data bus valid internally after the specified hold time,
allowing proper capturing with slower clock.
Figure 10. Command Latch Cycle Timing
133
4
33.33
30
3
44.333
22.5
2663
15
1 Boot value NFC_FREQ_SEL Fuse High (burned)
2 Boot value NFC_FREQ_SEL Fuse Low
3 For RBB_MODE=1, using NANDF_RB0 signal for ready/busy indication. This mode require setting the delay line. See the
Reference Manual for details.
Table 33. NFC Clock Settings Examples (continued)
emi_slow_clk (MHz)
nfc_podf (Division Factor)
enfc_clk (MHz)
T-Clock Period (ns)
NFCLE
NFCE_B
NFWE_B
NFIO[7:0]
command
NF9
NF8
NF1
NF2
NF5
NF3
NF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com