Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 72Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 73Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 74Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 75Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 76Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 77Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 78Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 79Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
76
Freescale Semiconductor
Electrical Characteristics
.
Figure 37. MII Transmit Signal Timing Diagram
4.7.5.3
MII Async Inputs Signal Timing (FEC_CRS and FEC_COL)
Table 50 lists MII asynchronous inputs signal timing information. Figure 38 shows MII asynchronous
input timings listed in Table 50.
.
Figure 38. MII Async Inputs Timing Diagram
4.7.5.4
MII Serial Management Channel Timing (FEC_MDIO and FEC_MDC)
Table 51 lists MII serial management channel timings. Figure 39 shows MII serial management channel
timings listed in Table 51. The MDC frequency should be equal to or less than 2.5 MHz to be compliant
with the IEEE 802.3 MII specification. However, the FEC can function correctly with a maximum MDC
frequency of 15 MHz.
Table 50. MII Async Inputs Signal Timing
Num
Characteristic 1
1 Test conditions: 25pF on each output signal.
Min
Max
Unit
M92
2 FEC_COL has the same timing in 10 Mbit 7-wire interface mode.
FEC_CRS to FEC_COL minimum pulse width
1.5
—
FEC_TX_CLK period
Table 51. MII Transmit Signal Timing
ID
Characteristics1
Min
Max
Unit
M10
FEC_MDC falling edge to FEC_MDIO output invalid (minimum propagation delay)
0
—
ns
M11
FEC_MDC falling edge to FEC_MDIO output valid (max propagation delay)
—
5
ns
M12
FEC_MDIO (input) to FEC_MDC rising edge setup
18
—
ns
FEC_TX_CLK (input)
FEC_TXD[3:0] (outputs)
FEC_TX_EN
FEC_TX_ER
M7
M8
M5
M6
FEC_CRS, FEC_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com