Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
99
Figure 53. Asynchronous Parallel System 68k Interface (Type 2) Timing Diagram
Display operation can be performed with IPP_WAIT signal. The DI reacts to the incoming IPP_WAIT
signal with 2 DI_CLK delay. The DI finishes a current access and a next access is postponed until
IPP_WAIT release. Figure 54 shows timing of the parallel interface with IPP_WAIT control.
RS
WR
RD
RS
WR
RD
(READ/WRITE)
(ENABLE)
(READ/WRITE)
(ENABLE)
Burst access mode with sampling by ENABLE signal
Single access mode (all control signals are not active for one display interface clock after each display access)
IPP_CS
IPP_DATA
IPP_CS
IPP_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com