Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PCIMX536AVV8B Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
4
Freescale Semiconductor
Introduction
— All EIM pins are muxed on other interfaces (data with NFC pins). I/O muxing logic selects
EIM port, as primary muxing at system boot.
— Samsung OneNAND™ and managed NAND including eMMC up to rev 4.4 (in muxed I/O
mode)
The i.MX53xA system is built around the following system on chip interfaces:
•
64-bit AMBA AXI v1.0 bus—used by ARM platform, multimedia accelerators (such as VPU, IPU,
GPU3D, GPU2D) and the external memory controller (EXTMC) operating at 200 MHz.
•
32-bit AMBA AHB 2.0 bus—used by the rest of the bus master peripherals operating at 133 MHz.
•
32-bit IP bus—peripheral bus used for control (and slow data traffic) of the most system peripheral
devices operating at 66 MHz.
The i.MX53xA makes use of dedicated hardware accelerators to achieve state-of-the-art multimedia
performance. The use of hardware accelerators provides both high performance and low power
consumption while freeing up the CPU core for other tasks.
The i.MX53xA incorporates the following hardware accelerators:
•
VPU, version 3—video processing unit
•
GPU3D—3D graphics processing unit, OpenGL ES 2.0, version 3, 33 Mtri/s, 200 Mpix/s, and
800 Mpix/s z-plane performance, 256 Kbyte RAM memory
•
GPU2D—2D graphics accelerator, OpenVG 1.1, version 1, 200 Mpix/s performance,
•
IPU, version 3M—image processing unit
•
ASRC—asynchronous sample rate converter
The i.MX53xA includes the following interfaces to external devices:
NOTE
Not all interfaces are available simultaneously, depending on I/O
multiplexer configuration.
•
Hard disk drives:
— PATA, up to U-DMA mode 5, 100 MByte/s
— SATA I, 1.5 Gbps
•Displays:
— Five interfaces available. Total rate of all interfaces is up to 180 Mpixels/s, 24 bpp. Up to two
interfaces may be active at once.
— Two parallel 24-bit display ports. The primary port is up to 165 Mpix/s (for example,
UXGA @ 60 Hz).
— LVDS serial ports: one dual channel port up to 165 Mpix/s or two independent single channel
ports up to 85 MP/s (for example, WXGA @ 60 Hz) each.
— TV-out/VGA port up to 150 Mpix/s (for example, 1080p60).
•
Camera sensors:
— Two parallel 20-bit camera ports. Primary up to 180-MHz peak clock frequency, secondary up
to 120-MHz peak clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com