Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
33
4.3.4
Ultra-High Voltage I/O (UHVIO) DC Parameters
The parameters in Table 15 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 15. UHVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = –1mA
Iout= specified Ioh
Drive
OVDD–0.15
0.8 * OVDD
——
V
Low-level output voltage1
Vol
Iout = 1mA
Iout= specified Ioh
Drive
——
0.15
0.2 * OVDD
V
High-level output current, low voltage mode
Ioh_lv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–2.2
–4.4
–6.6
——
mA
High-level output current, high voltage mode
Ioh_hv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–5.1
–10.2
–15.3
——
mA
Low-level output current, low voltage mode
Iol_lv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
2.2
4.4
6.6
——
mA
Low-level output current, high voltage mode
Iol_hv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
5.1
10.2
15.3
——
mA
High-Level DC input voltage1, 2
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1, 2
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
low voltage mode
high voltage mode
0.38
0.95
—0.43
1.33
V
Schmitt trigger VT+2, 3
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT–2, 3
VT–
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
IIN
VI = 0
VI = OVDD
——
300
63
nA
Input current (22 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
202
0.06
μA
Input current (75 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
61
0.06
μA
Input current (100 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
47
0.06
μA
Input current (360 k
Ω Pull-down)
IIN
VI = 0
VI = OVDD
——
0.3
5.7
μA
Keeper Circuit Resistance
—
—
—
125
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com