Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
31
4.3.2.3
DDR3 Mode I/O DC Parameters
The DDR3 interface fully complies with JESD79-3D DDR3 JEDEC standard release April, 2008. The
parameters in Table 13 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
DC input Low Voltage
Vil(dc)
—
OVSS
—
Vref-0.13V
V
Differential Input Logic High
Vih(diff)
0.26
See Note2
Differential Input Logic Low
Vil(diff)
See Note2
-0.26
Input current (no pull-up/down)
Iin
VI = 0 V
VI=OVDD
—
—
0.02
1.5
12.8
290
nA
Pull-up/Pull-down impedance Mismatch
-15
+15
%
240 Ohm unit calibration resolution
10
Ohm
Keeper Circuit Resistance
—
—
—
1253
—k
Ω
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
2 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
3 Use an off-chip pull resistor of less than 60k
Ω to override this keeper.
Table 13. DDR3 I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
—
0.8*OVDD1
1 OVDD – I/O power supply (1.425 V–1.575 V for DDR3)
——
V
Low-level output voltage
Vol
—
—
—
0.2*OVDD
V
DC input Logic High
VIH(dc)
—
Vref2+0.1
2 Vref – DDR3 external reference voltage
—OVDD
V
DC input Logic Low
VIL(dc)
—
OVSS
—
Vref-0.1
V
Differential input Logic High
VIH(diff)
—
0.2
—
See Note3
V
Differential input Logic Low
VIL(diff)
—
See Note3
—-0.2
V
Over/undershoot peak
Vpeak
—
—
—
0.4
V
Over/undershoot area
(above OVDD or below OVSS)
Varea
—
—
—
0.67
V x
nS
Termination Voltage
Vtt
Vtt tracking OVDD/2
0.49*OVDD
Vref
0.51*OVDD
V
Input current (no pull-up/down)
Iin
VI = 0 V
VI=OVDD
—
—
0.09
1.75
15
320
nA
Pull-up/Pull-down impedance mismatch
—
Minimum impedance
configuration
——
3
Ω
240
Ω unit calibration resolution
—
—
—
—
10
Ω
Keeper Circuit Resistance
—
—
—
1254
—k
Ω
Table 12. LPDDR2 I/O DC Electrical Parameters1 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com