Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 65Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 66Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 67Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 68Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 69Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 70Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 71Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 72Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
69
82
SCKT rising edge to FST out (wl) high
—
—
—
—
—
—
19.0
9.0
x ck
i ck
ns
83
SCKT rising edge to FST out (wl) low
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns
84
SCKT rising edge to data out enable from high
impedance
—
—
—
—
—
—
22.0
17.0
x ck
i ck
ns
86
SCKT rising edge to data out valid
—
—
—
—
—
—
18.0
13.0
x ck
i ck
ns
87
SCKT rising edge to data out high impedance 77
—
—
—
—
—
—
21.0
16.0
x ck
i ck
ns
89
FST input (bl, wr) setup time before SCKT falling edge6
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
90
FST input (wl) setup time before SCKT falling edge
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
91
FST input hold time after SCKT falling edge
—
—
—
—
4.0
5.0
—
—
x ck
i ck
ns
95
HCKR/HCKT clock cycle
—
2 x TC
15
—
—
ns
96
HCKT input rising edge to SCKT output
—
—
—
18.0
—
ns
97
HCKR input rising edge to SCKR output
—
—
—
18.0
—
ns
1 VCORE_VDD= 1.00 +- 0.10V
Tj = -40C to 125C
CL=50pF
2 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode
(asynchronous implies that SCKT and SCKR are two different clocks)
i ck s = internal clock, synchronous mode
(synchronous implies that SCKT and SCKR are the same clock)
3 bl = bit length
wl = word length
wr = word length relative
4 SCKT(SCKT pin) = transmit clock
SCKR(SCKR pin) = receive clock
FST(FST pin) = transmit frame sync
FSR(FSR pin) = receive frame sync
HCKT(HCKT pin) = transmit high frequency clock
HCKR(HCKR pin) = receive high frequency clock
5 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register.
6 The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync
signal waveform, but it spreads from one serial clock before the first bit clock (like the bit length frame sync signal), until the
second-to-last bit clock of the first word in the frame.
7 Periodically sampled and not 100% tested.
Table 45. Enhanced Serial Audio Interface (ESAI) Timing (continued)
No.
Characteristics1’2,3
Symbol
Expression3
Min
Max
Condition4 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com