Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 60Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 61Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 62Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 63Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 64Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
61
WE37
CSx_B Valid to BEy_B Valid
(Read access)
WE12 - WE6 + (RBEA - CSA)
—
3 + (RBEA6 - CSA)
ns
WE38
BEy_B Invalid to CSx_B
Invalid (Read access)
WE7 - WE13 + (RBEN - CSN)
—
3 - (RBEN7- CSN)
ns
WE39
CSx_B Valid to ADV_B Valid
WE14 - WE6 + (ADVA - CSA)
—
3 + (ADVA - CSA)
ns
WE40
ADV_B Invalid to CSx_B
Invalid (ADVL is asserted)
WE7 - WE15 - CSN
—
3 - CSN
ns
WE40
A
(muxe
d A/D)
CSx_B Valid to ADV_B Invalid
WE14 - WE6 + (ADVN +
ADVA + 1 - CSA)
-3 + (ADVN +
ADVA + 1 - CSA)
3 + (ADVN + ADVA
+ 1 - CSA)
ns
WE41
CSx_B Valid to Output Data
Valid
WE16 - WE6 - WCSA
—
3 - WCSA
ns
WE41
A
(muxe
d A/D)
CSx_B Valid to Output Data
Valid
WE16 - WE6 + (WADVN +
WADVA + ADH + 1 - WCSA)
—3 + (WADVN +
WADVA + ADH + 1 -
WCSA)
ns
WE42
Output Data Invalid to CSx_B
Invalid
WE17 - WE7 - CSN
—
3 - CSN
ns
MAXC
O
Output max. delay from
internal driving ADDR/control
FFs to chip outputs.
10
—
—
ns
MAXC
SO
Output max. delay from CSx
internal driving FFs to CSx
out.
10
—
—
MAXDI
DATA MAXIMUM delay from
chip input data to its internal
FF
5—
—
WE43
Input Data Valid to CSx_B
Invalid
MAXCO - MAXCSO + MAXDI
MAXCO -
MAXCSO +
MAXDI
—ns
WE44
CSx_B Invalid to Input Data
invalid
00
—
ns
WE45
CSx_B Valid to BEy_B Valid
(Write access)
WE12 - WE6 + (WBEA - CSA)
—
3 + (WBEA - CSA)
ns
WE46
BEy_B Invalid to CSx_B
Invalid (Write access)
WE7 - WE13 + (WBEN -
CSN)
—
-3 + (WBEN - CSN)
ns
Table 39. EIM Asynchronous Timing Parameters Table (continued)Relative Chip Select
Ref
No.
Parameter
Determination by
Synchronous measured
parameters 12
Min
Max
(If 133 Mhz is
supported by
SOC)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com