Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
8
Freescale Semiconductor
Modules List
3
Modules List
The i.MX53xA processor contains a variety of digital and analog modules. Table 2 describes these
modules in alphabetical order.
Table 2. i.MX53xA Digital and Analog Blocks
Block
Mnemonic
Block Name
Subsystem
Brief Description
ARM
ARM Platform
ARM
The ARM Cortex A8TM Platform consists of the ARM processor version
r2p5 (with TrustZone) and its essential sub-blocks. It contains the 32 Kbyte
L1 instruction cache, 32 Kbyte L1 data cache, Level 2 cache controller and
a 256 Kbyte L2 cache. The platform also contains an event monitor and
debug modules. It also has a NEON coprocessor with SIMD media
processing architecture, a register file with 32/64-bit general-purpose
registers, an integer execute pipeline (ALU, Shift, MAC), dual
single-precision floating point execute pipelines (FADD, FMUL), a
load/store and permute pipeline and a non-pipelined vector floating point
(VFP Lite) coprocessor supporting VFPv3.
ASRC
Asynchronous
Sample Rate
Converter
Multimedia
Peripherals
The asynchronous sample rate converter (ASRC) converts the sampling
rate of a signal associated to an input clock into a signal associated to a
different output clock. The ASRC supports concurrent sample rate
conversion of up to 10 channels of about –120 dB THD+N. The sample rate
conversion of each channel is associated to a pair of incoming and outgoing
sampling rates. The ASRC supports up to three sampling rate pairs.
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (for example,
SSI1, SSI2, and SSI3) and peripheral serial interfaces (audio and voice
codecs). The AUDMUX has seven ports (three internal and four external)
with identical functionality and programming models. A desired connectivity
is achieved by configuring two or more AUDMUX ports.
CAMP-1
CAMP-2
Clock Amplifier
Clocks,
Resets, and
Power Control
Clock amplifier
CCM
GPC
SRC
Clock Control
Module
Global Power
Controller
System Reset
Controller
Clocks,
Resets, and
Power Control
These modules are responsible for clock and reset distribution in the
system, as well as for system power management.
The system includes four PLLs.
CSPI
ECSPI-1
ECSPI-2
Configurable
SPI, Enhanced
CSPI
Connectivity
Peripherals
Full-duplex enhanced synchronous serial interface, with data rates
16-60 Mbit/s. It is configurable to support master/slave modes. In Master
mode it supports four slave selects for multiple peripherals.
CSU
Central Security
Unit
Security
The central security unit (CSU) is responsible for setting comprehensive
security policy within the i.MX53xA platform, and for sharing security
information between the various security modules. The security control
registers (SCR) of the CSU are set during boot time by the high assurance
boot (HAB) code and are locked to prevent further writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com