Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PCIMX536AVV8B Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 180 page
background image
Introduction
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
5
•
Expansion cards:
— Four SD/MMC card ports: three supporting 416 Mbps (8-bit i/f) and one enhanced port
supporting 832 Mbps (8-bit, eMMC 4.4).
•USB
— High-speed (HS) USB 2.0 OTG (up to 480 Mbps), with integrated HS USB PHY
— Three USB 2.0 (480 Mbps) hosts:
– High-speed host with integrated on-chip high-speed PHY
– Two high-speed hosts for external HS/FS transceivers through ULPI/serial, support IC-USB
•
Automotive environment interfaces:
— Two controller area network (FlexCAN) interfaces, 1 Mbps each
— Media local bus or MediaLB (MLB) provides interface to most networks (50 Mbps)
— Enhanced serial audio interface (ESAI), up to 1.4 Mbps each channel
•
Miscellaneous interfaces:
— One-wire (OWIRE) port
— Three I2S/SSI/AC97ports, supporting up to 1.4 Mbps, each connected to audio multiplexer
(AUDMUX) providing four external ports.
— Five UART RS232 ports, up to 4.0 Mbps each. One supports 8-wire, the other four support
4-wire.
— Two high speed enhanced CSPI (ECSPI) ports plus one CSPI port
— Three I2C ports, supporting 400 kbps
— Fast Ethernet controller, IEEE1588 V1 compliant, 10/100 Mbps
— Sony Phillips Digital Interface (SPDIF), Rx and Tx
— Key pad port (KPP)
— Two pulse-width modulators (PWM)
— GPIO with interrupt capabilities
— Secure JTAG controller (SJC)
The system supports efficient and smart power control and clocking:
•
Power gating SRPG (State Retention Power Gating) for ARM core and Neon
•
Support for various levels of system power modes
•
Flexible clock gating control scheme
•
On-chip temperature monitor
•
On-chip oscillator amplifier supporting 32.768 kHz external crystal
•
On-chip LDO voltage regulators for PLLs
Security functions are enabled and accelerated by the following hardware:
•
ARM TrustZone including the TZ architecture (separation of interrupts, memory mapping, and so
on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com