Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
10
Freescale Semiconductor
Modules List
ESDHCV3-3
Ultra-High-
Speed eMMC /
SD Host
Controller
Connectivity
Peripherals
Ultra high-speed eMMC / SD host controller, enhanced to support eMMC
4.4 standard specification, for 832 MBps.
• Port 3 is specifically enhanced to support eMMC 4.4 specification, for
double data rate (832 Mbps, 8-bit port).
ESDHCV3 is backward compatible to ESDHCV2 and supports all the
features of ESDHCV2 as described below.
ESDHCV2-1
ESDHCV2-2
ESDHCv2-4
Enhanced
Multi-Media Card
/
Secure Digital
Host Controller
Enhanced multimedia card / secure digital host controller
• Ports 1, 2, and 4 are compatible with the “MMC System Specification”
version 4.3, full support and supporting 1, 4 or 8-bit data.
The generic features of the eSDHCv2 module, when serving as SD / MMC
host, include the following:
• Can be configured either as SD / MMC controller
• Supports eSD and eMMC standard, for SD/MMC embedded type cards
• Conforms to SD Host Controller Standard Specification, version 2.0, full
support.
• Compatible with the SD Memory Card Specification, version 1.1
• Compatible with the SDIO Card Specification, version 1.2
• Designed to work with SD memory, miniSD memory, SDIO, miniSDIO,
SD Combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
- SD/SDIO 1-bit, 4-bit
- MMC 1-bit, 4-bit, 8-bit
• Full/high speed mode.
• Host clock frequency variable between 32 kHz to 52 MHz
• Up to 200 Mbps data transfer for SD/SDIO cards using 4 parallel data
lines
• Up to 416 Mbps data transfer for MMC cards using 8 parallel data lines
FEC
Fast Ethernet
Controller
Connectivity
Peripherals
The Ethernet media access controller (MAC) is designed to support both
10 Mbps and 100 Mbps Ethernet/IEEE Std 802.3™ networks. An external
transceiver interface and transceiver function are required to complete the
interface to the media.
The i.MX53xA also consists of HW assist for IEEE1588™ standard. See,
TSU and CE_RTC (IEEE1588) section for more details.
FIRI
Fast Infrared
Interface
Connectivity
Peripherals
Fast infrared interface
FLEXCAN-1
FLEXCAN-2
Flexible
Controller Area
Network
Connectivity
Peripherals
The controller area network (CAN) protocol was primarily, but not
exclusively, designed to be used as a vehicle serial data bus. Meets the
following specific requirements of this application: real-time processing,
reliable operation in the EXTMC environment of a vehicle,
cost-effectiveness and required bandwidth. The FLEXCAN is a full
implementation of the CAN protocol specification, Version 2.0 B (ISO
11898), which supports both standard and extended message frames at
1 Mbps.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com