Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 180 page
background image
Modules List
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
11
GPIO-1
GPIO-2
GPIO-3
GPIO-4
GPIO-5
GPIO-6
GPIO-7
General Purpose
I/O Modules
System
Control
Peripherals
These modules are used for general purpose input/output to external ICs.
Each GPIO module supports up to 32 bits of I/O.
GPT
General Purpose
Timer
Timer
Peripherals
Each GPT is a 32-bit “free-running” or “set and forget” mode timer with a
programmable prescaler and compare and capture register. A timer counter
value can be captured using an external event, and can be configured to
trigger a capture event on either the leading or trailing edges of an input
pulse. When the timer is configured to operate in “set and forget” mode, it is
capable of providing precise interrupts at regular intervals with minimal
processor intervention. The counter has output compare logic to provide the
status and interrupt at comparison. This timer can be configured to run
either on an external clock or on an internal clock.
GPU3D
Graphics
Processing Unit
Multimedia
Peripherals
The GPU, version 3, provides hardware acceleration for 2D and 3D
graphics algorithms with sufficient processor power to run desk-top quality
interactive graphics applications on displays up to HD1080 resolution. It
supports color representation up to 32 bits per pixel. GPU enables
high-performance mobile 3D and 2D vector graphics at rates up to 33
Mtriangles/s, 200 Mpix/s, 800 Mpix/s (z).
GPU2D
Graphics
Processing
Unit-2D
Multimedia
Peripherals
The GPU2D version 1, provides hardware acceleration for 2D graphic
algorithms with sufficient processor power to run desk-top quality
interactive graphics applications on displays up to HD1080 resolution.
I2C-1
I2C-2
I2C-3
I2C Controller
Connectivity
Peripherals
I2C provides serial interface for controlling peripheral devices. Data rates of
up to 400 kbps are supported.
IIM
IC Identification
Module
Security
The IC identification module (IIM) provides an interface for reading,
programming, and/or overriding identification and control information stored
in on-chip fuse elements. The module supports electrically programmable
poly fuses (e-Fuses). The IIM also provides a set of volatile
software-accessible signals that can be used for software control of
hardware elements not requiring non-volatility. The IIM provides the primary
user-visible mechanism for interfacing with on-chip fuse elements. Among
the uses for the fuses are unique chip identifiers, mask revision numbers,
cryptographic keys, JTAG secure mode, boot characteristics, and various
control signals requiring permanent non-volatility. The IIM also provides up
to 28 volatile control signals. The IIM consists of a master controller, a
software fuse value shadow cache, and a set of registers to hold the values
of signals visible outside the module.
IIM interfaces to the electrical fuse array (split to banks). Enables to set up
boot modes, security levels, security keys and many other system
parameters.
i.MX53A consists of 4 x 256-bit + 1x 128-bit fuse-banks (total 1152 bits)
through IIM interface.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com