Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 56Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 57Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 58Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 161 page
background image
PDC Register
- HT68F14,HT68F15
Bit
7
6
5
4
3
2
1
0
Name
¾
¾
¾
¾
¾
¾
D1
D0
R/W
¾
¾
¾
¾
¾
¾
R/W
R/W
POR
¾
¾
¾
¾
¾
¾
0
0
Bit7~2
²¾² Unimplemented,readas ²0²
Bit1~0
I/OPortDbit1~bit0input/outputcontrol
0:output
1:input
I/OPinStructures
The accompanying diagrams illustrate the internal structures of some generic I/O pin types. As the
exact logical construction of the I/O pin will differ from these drawings, they are supplied as a guide
only to assist with the functional understanding of the I/O pins. The wide range of pin-shared
structures does not permit all types to be shown. The diagrams illustrate the I/O pin internal structures.
As the exact logical construction of the I/O pin may differ from these drawings, they are supplied as a
guide only to assist with the functional understanding of the I/O pins.
ProgrammingConsiderations
Within the user program, one of the first things to consider is port initialisation. After a reset, all of the
I/O data and port control registers will be set high. This means that all I/O pins will default to an input
state, the level of which depends on the other connected circuitry and whether pull-high selections
have been chosen. If the port control registers, PAC~PDC, are then programmed to setup some pins as
outputs, these output pins will have an initial high output value unless the associated port data
registers, PA~PD, are first programmed. Selecting which pins are inputs and which are outputs can be
achieved byte-wide by loading the correct values into the appropriate port control register or by
programming individual bits in the port control register using the
²SET [m].i² and ²CLR [m].i²
instructions. Note that when using these bit control instructions, a read-modify-write operation takes
place. The microcontroller must first read in the data on the entire port, modify it to the required new
bit values and then rewrite this data back to the output ports.
Port A has the additional capability of providing wake-up functions. When the device is in the SLEEP
or IDLE Mode, various methods are available to wake the device up. One of these is a high to low
transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this function.
Rev.1.10
56
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com