Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 161 page
background image
The accompanying diagram illustrates the addressing data flow of the look-up table.
TableProgramExample
The following example shows how the table pointer and table data is defined and retrieved from the
microcontroller. This example uses raw table data located in the Program Memory which is stored
there using the ORG statement. The value at this ORG statement is
²700H² which refers to the start
address of the last page within the 2K Program Memory of the HT68F14. The table pointer is setup
here to have an initial value of
²06H². This will ensure that the first data read from the data table will be
at the Program Memory address
²706H² or 6 locations after the start of the last page. Note that the
value for the table pointer is referenced to the first address of the present page if the
²TABRD [m]²
instruction is being used. The high byte of the table data which in this case is equal to zero will be
transferred to the TBLH register automatically when the
²TABRD [m]² instruction is executed.
Because the TBLH register is a read-only register and cannot be restored, care should be taken to
ensure its protection if both the main routine and Interrupt Service Routine use table read instructions.
If using the table read instructions, the Interrupt Service Routines may change the value of the TBLH
and subsequently cause errors if used again by the main routine. As a rule it is recommended that
simultaneous use of the table read instructions should be avoided. However, in situations where
simultaneous use cannot be avoided, the interrupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table related instructions require two instruction
cycles to complete their operation.
TableReadProgramExample
tempreg1
db ?
; temporary register #1
tempreg2
db ?
; temporary register #2
:
:
mov
a,06h
; initialise low table pointer - note that this address
mov
tblp,a
; is referenced
mov
a,07h
; initialise high table pointer
mov
tbhp,a
:
:
tabrd tempreg1
; transfers value in table referenced by table pointer data at
; program memory address
²706H² transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2
; transfers value in table referenced by table pointer data at
; program memory address
²705H² transferred to tempreg2 and TBLH
; in this example the data
²1AH² is transferred to tempreg1 and
; data
²0FH² to register tempreg2
:
:
org 700h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Rev.1.10
20
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
R e g i s t e r T B L H
U s e r S e l e c t e d
R e g i s t e r
H i g h B y t e
L o w B y t e
T B L P R e g i s t e r
D a t a
1 4 ~ 1 5 b i t s
P r o g r a m M e m o r y
L a s t p a g e o r
T B H P R e g i s t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com