Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 161 page
background image
Oscillator
Various oscillator options offer the user a wide range of functions according to their various
application requirements. The flexible features of the oscillator functions ensure that the best
optimisation can be achieved in terms of speed and power saving. Oscillator selections and operation
are selected through a combination of configuration options and registers.
OscillatorOverview
In addition to being the source of the main system clock the oscillators also provide clock sources for
the Watchdog Timer and Time Base Interrupts. External oscillators requiring some external
components as well as fully integrated internal oscillators, requiring no external components, are
provided to form a wide range of both fast and slow system oscillators. All oscillator options are
selected through the configuration options. The higher frequency oscillators provide higher
performance but carry with it the disadvantage of higher power requirements, while the opposite is of
course true for the lower frequency oscillators. With the capability of dynamically switching between
fast and slow system clock, the device has the flexibility to optimize the performance/ power ratio, a
feature especially important in power sensitive portable applications.
Type
Name
Freq.
Pins
ExternalCrystal
HXT
400kHz~20MHz
OSC1/OSC2
ExternalRC
ERC
8MHz
OSC1
InternalHighSpeedRC
HIRC
4,8or12MHz
¾
InternalLowSpeedRC
LIRC
32kHz
¾
OscillatorTypes
SystemClockConfigurations
There are four system oscillators, three high speed oscillators and one low speed oscillator. The high
speed oscillators are the external crystal/ceramic oscillator
- HXT, the external - ERC, and the internal
RC oscillator
- HIRC. The low speed oscillator is the internal 32 kHz oscillator - LIRC. Selecting
whether the low or high speed oscillator is used as the system oscillator is implemented using the
HLCLK bit and CKS2~CKS0 bits in the SMOD register and as the system clock can be dynamically
selected.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
27
February9,2011
HXT
High Speed
Oscillator
ERC
HIRC
LIRC
Low Speed
Oscillator
fH
6-stage Prescaler
High Speed Oscillator
Configuration Option
HLCLK,
CKS2~CKS0 bits
fH/2
fH/4
fH/8
fH/16
fH/32
fH/64
fLIRC
fL
fSUB
Fast Wake-up from SLEEP Mode or
IDLE Mode Control (for HXT only)
fSYS
SystemClockConfigurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com