Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 161 page
background image
ControlRegister
A single register, SMOD, is used for overall control of the internal clocks within the device.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Name
CKS2
CKS1
CKS0
FSTEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
Bit7~5
CKS2~CKS0:Thesystemclockselectionwhen HLCLK is
²0²
000: f
L (fLIRC)
001: f
L (fLIRC)
010: f
H/64
011: f
H/32
100: f
H/16
101: f
H/8
110: f
H/4
111: f
H/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.Inadditionto
thesystemclocksource,whichisthe LIRC,adividedversionofthehighspeedsystemoscillator
canalsobechosenasthesystemclocksource.
Bit4
FSTEN:FastWake-upControl(onlyfor HXT)
0:Disable
1:Enable
ThisistheFastWake-upControlbitwhichdeterminesifthe f
SUB clocksourceisinitiallyused
afterthedevicewakesup.Whenthebitishigh,the f
SUB clocksourcecanbeusedasa
temporarysystemclocktoprovideafasterwakeuptimeasthe f
SUB clockisavailable.
Bit3
LTO:Lowspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthelowspeedsystemoscillatorreadyflagwhichindicateswhenthelowspeedsystem
oscillatorisstableafterpoweronresetorawake-uphasoccurred.Theflagwillbelowwhenin
theSLEEP0Modebutafterawake-uphasoccurred,theflagwillchangetoahighlevelafter
1~2clockcyclesasthe LIRC oscillatorisused.
Bit2
HTO:Highspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthehighspeedsystemoscillatorreadyflagwhichindicateswhenthehighspeedsystem
oscillatorisstable.Thisflagisclearedto
²0² byhardwarewhenthedeviceispoweredonand
thenchangestoahighlevelafterthehighspeedsystemoscillatorisstable.Thereforethisflag
willalwaysbereadas
²1² bytheapplicationprogramafterdevicepower-on.Theflagwillbelow
whenintheSLEEP orIDLE0Modebutafterawake-uphasoccurred,theflagwillchangetoa
highlevelafter1024clockcyclesifthe HXT oscillatorisusedandafter15~16clockcyclesifthe
ERC or HIRC oscillatorisused.
Bit1
IDLEN:IDLEModecontrol
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT instructionis
executed.Ifthisbitishigh,whenaHALT instructionisexecutedthedevicewillentertheIDLE
Mode.IntheIDLE1ModetheCPUwillstoprunningbutthesystemclockwillcontinuetokeep
theperipheralfunctionsoperationalasthe FSYSON bitishigh.If FSYSON bitislow,theCPU
andthesystemclockwillallstopinIDLE0mode.IfthebitislowthedevicewillentertheSLEEP
ModewhenaHALT instructionisexecuted.
Rev.1.10
32
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com