Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
Features
CPUFeatures
· Operating Voltage:
fSYS= 8MHz: 2.2V~5.5V
fSYS= 12MHz: 2.7V~5.5V
fSYS= 20MHz: 4.5V~5.5V
· Up to 0.2
ms instruction cycle with 20MHz system clock at VDD=5V
· Power down and wake-up functions to reduce power consumption
· Four oscillators:
External Crystal -- HXT
External RC -- ERC
Internal RC -- HIRC
Internal 32kHz RC -- LIRC
· Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
· All instructions executed in one or two instruction cycles
· Table read instructions
· 63 powerful instructions
· Up to 8-level subroutine nesting
· Bit manipulation instruction
PeripheralFeatures
· Flash Program Memory: 1K
´14 ~ 4K´15
· RAM Data Memory: 64
´8 ~ 192´8
· Watchdog Timer function
· Up to 26 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD driver with 1/2 bias
· Multiple pin-shared external interrupts
· Multiple Timer Module for time measure, input capture, compare match output, PWM output or
single pulse output function
· Single Time-Base function for generation of fixed time interrupt signal
· Low voltage reset function
· Low voltage detect function
· Wide range of available package types
GeneralDescription
The HT68F1x series of devices are Flash Memory I/O type 8-bit high performance RISC architecture
microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these
devices also include a wide range of functions and features. Other memory includes an area of RAM
Data Memory for application program data storage.
Multiple and extremely flexible Timer Modules provide timing, pulse generation and PWM
generation functions. Protective features such as an internal Watchdog Timer, Low Voltage Reset and
Low Voltage Detector coupled with excellent noise immunity and ESD protection ensure that reliable
operation is maintained in hostile electrical environments.
A full choice of HXT, ERC, HIRC and LIRC oscillator functions are provided including a fully
integrated system oscillator which requires no external components for its implementation. The ability
to operate and switch dynamically between a range of operating modes using different clock sources
gives users the ability to optimise microcontroller operation and minimise power consumption.
Rev.1.10
6
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com