Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 161 page
background image
SpecialFunctionRegisterDescription
Most of the Special Function Register details will be described in the relevant functional section.
However, several registers require a separate description in this section.
IndirectAddressingRegisters
- IAR0,IAR1
The Indirect Addressing Registers, IAR0 and IAR1, although having their locations in normal RAM
register space, do not actually physically exist as normal registers. The method of indirect addressing
for RAM data manipulation uses these Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual memory address is specified. Actions on the
IAR0 and IAR1 registers will result in no actual read or write operation to these registers but rather to
the memory location specified by their corresponding Memory Pointers, MP0 or MP1. As the Indirect
Addressing Registers are not physically implemented, reading the Indirect Addressing Registers
indirectly will return a result of 00H and writing to the registers indirectly will result in no operation.
IndirectAddressingProgramExample
data .section
¢data¢
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code .section at 0
¢code¢
org
00h
start:
mov
a,04h
; setup size of block
mov
block,a
mov
a,offset adres1
; Accumulator loaded with first RAM address
mov
mp0,a
; setup memory pointer with first RAM address
loop:
clr
IAR0
; clear the data at address defined by MP0
inc
mp0
; increment memory pointer
sdz
block
; check if last memory location has been cleared
jm
p loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific
RAMaddresses.
MemoryPointers
- MP0,MP1
Two Memory Pointers, known as MP0 and MP1 are provided. These Memory Pointers are physically
implemented in the Data Memory and can be manipulated in the same way as normal registers
providing a convenient way with which to address and track data. When any operation to the relevant
Indirect Addressing Registers is carried out, the actual address that the microcontroller is directed to is
the address specified by the related Memory Pointer. Note that for the HT68F13 device, bit 7 of the
Memory Pointers is not required to address the full memory space. When bit 7 of the Memory Pointers
for HT68F13 device is read, a value of 1 will be returned. The following example shows how to clear a
section of four Data Memory locations already defined as locations adres1 to adres4.
Rev.1.10
24
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com