Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 161 page
background image
ResetInitialConditions
The different types of reset described affect the reset flags in different ways. These flags, known as
PDF and TO are located in the status register and are controlled by various microcontroller operations,
such as the SLEEP or IDLE Mode function or Watchdog Timer. The reset flags are shown in the table:
TO
PDF
RESETConditions
0
0
Power-onreset
u
u
RES or LVR resetduringNORMALorSLOWModeoperation
1
u
WDT time-out reset during NORMAL or SLOW Mode operation
1
1
WDT time-outresetduringIDLEorSLEEPModeoperation
Note:
²u² stands for unchanged
The following table indicates the way in which the various components of the microcontroller are af-
fectedafterapower-onresetoccurs.
Item
ConditionAfterRESET
ProgramCounter
Resettozero
Interrupts
Allinterruptswillbedisabled
WDT
Clearafterreset, WDT beginscounting
Timer/EventCounter
TimerCounterwillbeturnedoff
Input/OutputPorts
I/Oportswillbesetupasinputs
StackPointer
StackPointerwillpointtothetopofthestack
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table de-
scribeshoweachtypeofresetaffectseachofthe microcontroller internalregisters.
HT68F13Register
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(NormalOperation)
WDT Time-out
(IDLE)
MP0
1xxxxxxx
1xxxxxxx
1xxxxxxx
1uuuuuuu
MP1
1xxxxxxx
1xxxxxxx
1xxxxxxx
1uuuuuuu
ACC
xxxxxxxx
uuuuuuuu
uuuuuuuu
uuuuuuuu
PCL
000 00000
000 00000
000 00000
000 00000
TBLP
xxxxxxxx
uuuuuuuu
uuuuuuuu
uuuuuuuu
TBHP
- - - - - - xx
- - - - - - uu
- - - - - - uu
- - - - - - uu
TBLH
- - xxxxxx
- - uuuuuu
- - uuuuuu
- - uuuuuu
STATUS
- - 00xxxx
- - uuuuuu
- - 1uuuuu
- - 11uuuu
SMOD
00000011
00000011
00000011
uuuuuuuu
LVDC
- - 00 - 000
- - 00 - 000
- - 00 - 000
- - uu - uuu
INTEG
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
WDTC
01111010
01111010
01111010
uuuuuuuu
TBC
0011
- - - -
0011
- - - -
0011
- - - -
uuuu
- - - -
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
45
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com