Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 161 page
background image
The actual source clock used for each of the high speed and low speed oscillators is chosen via
configuration options. The frequency of the slow speed or high speed system clock is also determined
using the HLCLK bit and CKS2~CKS0 bits in the SMOD register. Note that two oscillator selections
must be made namely one high speed and one low speed system oscillators. It is not possible to choose
a no-oscillator selection for either the high or low speed oscillator.
ExternalCrystal/CeramicOscillator
- HXT
The External Crystal/Ceramic System Oscillator is one of the high frequency oscillator choices, which
is selected via configuration option. For most crystal oscillator configurations, the simple connection
of a crystal across OSC1 and OSC2 will create the necessary phase shift and feedback for oscillation,
without requiring external capacitors. However, for some crystal types and frequencies, to ensure
oscillation, it may be necessary to add two small value capacitors, C1 and C2. Using a ceramic
resonator will usually require two small value capacitors, C1 and C2, to be connected as shown for
oscillation to occur. The values of C1 and C2 should be selected in consultation with the crystal or
resonator manufacturer
¢s specification.
CrystalOscillatorC1andC2Values
CrystalFrequency
C1
C2
12MHz
0pF
0pF
8MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note:
C1andC2valuesareforguidanceonly.
CrystalRecommendedCapacitorValues
Rev.1.10
28
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d . C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/ResonatorOscillator
- HXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com