Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 161 page
background image
WatchdogTimerControlRegister
A single register, WDTC, controls the required timeout period as well as the enable/disable operation.
This register together with several configuration options control the overall operation of the Watchdog
Timer.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
WS2
WS1
WS0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
1
1
0
1
0
Bit7
FSYSON: f
SYS ControlinIDLEMode
0:Disable
1:Enable
Bit6~4
WS2,WS1,WS0 : WDT time-outperiodselection
000:256/f
S
001:512/f
S
010:1024/f
S
011:2048/f
S
100:4096/f
S
101:8192/f
S
110:16384/f
S
111:32768/f
S
Bit3~0
WDTEN3,WDTEN2,WDTEN1,WDTEN0 : WDT SoftwareControl
1010:Disable
Other:Enable
WatchdogTimerOperation
The Watchdog Timer operates by providing a device reset when its timer overflows. This means that in
the application program and during normal operation the user has to strategically clear the Watchdog
Timer before it overflows to prevent the Watchdog Timer from executing a reset. This is done using the
clear watchdog instructions. If the program malfunctions for whatever reason, jumps to an unknown
location, or enters an endless loop, these clear instructions will not be executed in the correct manner,
in which case the Watchdog Timer will overflow and reset the device. Some of the Watchdog Timer
options, such as enable/disable, clock source selection and clear instruction type are selected using
configuration options. In addition to a configuration option to enable/disable the Watchdog Timer,
there are also four bits, WDTEN3~WDTEN0, in the WDTC register to offer an additional
enable/disable control of the Watchdog Timer. To disable the Watchdog Timer, as well as the
configuration option being set to disable, the WDTEN3 ~ WDTEN0 bits must also be set to a specific
value of 1010B. Any other values for these bits will keep the Watchdog Timer enabled, irrespective of
the configuration enable/disable setting. After power on these bits will have the value of 1010. If the
Watchdog Timer is used, it is recommended that they are set to a value of 0101B for maximum noise
immunity. Note that if the Watchdog Timer has been disabled, then any instruction relating to its
operation will result in no operation.
WDT ConfigurationOption
WDTEN3~WDTEN0Bits
WDT
WDT Enable
xxxx
Enable
WDT Disable
Except1010
Enable
WDT Disable
1010
Disable
²x²: don¢t care.
WatchdogTimerEnable/DisableControl
Rev.1.10
40
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com