Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 161 page
background image
TMPC Register
- HT68F15
Bit
76543210
Name
T1ACP0
T1BCP2
T1BCP1
T1BCP0
¾¾
T0CP1
T0CP0
R/W
R/W
R/W
R/W
R/W
¾¾
R/W
R/W
POR
1001
¾¾
01
Bit 7
T1ACP0: TP1A pin enable control
0: disable
1: enable
Bit 6
T1BCP2: TP1B_2 pin enable control
0: disable
1: enable
Bit 5
T1BCP1: TP1B_1 pin enable control
0: disable
1: enable
Bit 4
T1BCP0: TP1B_0 pin enable control
0: disable
1: enable
Bit 3~2
Unimplemented, read as
²0²
Bit 1
T0CP1: TP0_1 pin enable control
0: disable
1: enable
Bit 0
T0CP0: TP0_0 pin enable control
0: disable
1: enable
Programming Considerations
The TM Counter Registers and the Capture/Compare CCRA and CCRB registers, being either 10-bit
or 16-bit, all have a low and high byte structure. The high bytes can be directly accessed, but as the low
bytes can only be accessed via an internal 8-bit buffer, reading or writing to these register pairs must be
carried out in a specific way. The important point to note is that data transfer to and from the 8-bit
buffer and its related low byte only takes place when a write or read operation to its corresponding high
byte is executed.
As the CCRA and CCRB registers are implemented in the way shown in the following diagram and
accessing these register pairs is carried out in a specific way as described above, it is recommended to
use the
²MOV² instruction to access the CCRA and CCRB low byte registers, named TMxAL and
TMxBL, using the following access procedures. Accessing the CCRA or CCRB low byte registers
without following these access procedures will result in unpredictable values.
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Rev. 1.10
64
February 9, 2011
Data
Bus
8-bit
Buffer
TMxDH
TMxDL
TMxBH
TMxBL
TMxAH
TMxAL
TM Counter Register (Read only)
TM CCRA Register (Read/Write)
TM CCRB Register (Read/Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com